Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA129UA/2K5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA129UA/2K5
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129UA/2K5 Datasheet(HTML) 5 Page - Texas Instruments

  INA129UA/2K5 Datasheet HTML 1Page - Texas Instruments INA129UA/2K5 Datasheet HTML 2Page - Texas Instruments INA129UA/2K5 Datasheet HTML 3Page - Texas Instruments INA129UA/2K5 Datasheet HTML 4Page - Texas Instruments INA129UA/2K5 Datasheet HTML 5Page - Texas Instruments INA129UA/2K5 Datasheet HTML 6Page - Texas Instruments INA129UA/2K5 Datasheet HTML 7Page - Texas Instruments INA129UA/2K5 Datasheet HTML 8Page - Texas Instruments INA129UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
INA128, INA129
www.ti.com
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
Electrical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 10 k
Ω, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INA128P, U
80
86
INA129P, U
G = 1
INA128PA, UA
73
INA129PA, UA
INA128P, U
100
106
INA129P, U
G = 10
INA128PA, UA
93
INA129PA, UA
VCM = ±13 V,
Common-Mode Rejection
dB
ΔRS = 1 kΩ
INA128P, U
120
125
INA129P, U
G = 100
INA128PA, UA
110
INA129PA, UA
INA128P, U
120
130
INA129P, U
G = 1000
INA128PA, UA
110
INA129PA, UA
INA128P, U
±2
±5
INA129P, U
Bias Current
nA
INA128PA, UA
±10
INA129PA, UA
Bias Current vs Temperature
±30
pA/°C
INA128P, U
±1
±5
INA129P, U
Offset Current
nA
INA128PA, UA
±10
INA129PA, UA
Offset Current vs Temperature
±30
pA/°C
f = 10 Hz
10
f = 100 Hz
8
nV/
√Hz
Noise
G = 1000, RS = 0Ω
Voltage, RTI
f = 1 kHz
8
fB = 0.1 Hz to 10 Hz
0.2
µVPP
f = 10 Hz
0.9
pA/
√Hz
Noise Current
f = 1 kHz
0.3
FB = 0.1 Hz to 10 Hz
30
pAPP
GAIN
INA128
1 + (50 k
Ω/RG)
Gain
V/V
1 + (49.4
Equation
INA129
k
Ω/RG)
Range of Gain
1
10000
V/V
INA128P, U
±0.01%
±0.024%
INA129P, U
G = 1
INA128PA, UA
±0.01%
INA129PA, UA
INA128P, U
±0.02%
±0.4%
INA129P, U
G = 10
INA128PA, UA
±0.5%
INA129PA, UA
Gain Error
INA128P, U
±0.05%
±0.5%
INA129P, U
G = 100
INA128PA, UA
±0.7%
INA129PA, UA
INA128P, U
±0.5%
±1%
INA129P, U
G = 1000
INA128PA, UA
±2%
INA129PA, UA
Copyright © 1995–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com