Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA129UA/2K5 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA129UA/2K5
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129UA/2K5 Datasheet(HTML) 1 Page - Texas Instruments

  INA129UA/2K5 Datasheet HTML 1Page - Texas Instruments INA129UA/2K5 Datasheet HTML 2Page - Texas Instruments INA129UA/2K5 Datasheet HTML 3Page - Texas Instruments INA129UA/2K5 Datasheet HTML 4Page - Texas Instruments INA129UA/2K5 Datasheet HTML 5Page - Texas Instruments INA129UA/2K5 Datasheet HTML 6Page - Texas Instruments INA129UA/2K5 Datasheet HTML 7Page - Texas Instruments INA129UA/2K5 Datasheet HTML 8Page - Texas Instruments INA129UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
A
1
A
2
A
3
40kΩ
40kΩ
40kΩ
40kΩ
V
IN
2
1
8
3
6
5
V
IN
R
G
V+
V−
Ref
V
O
G = 1 +
49.4kΩ
R
G
−
+
4
7
NOTE: (1) INA129: 24.7kΩ
G = 1 +
50kΩ
R
G
INA128, INA129
Over-Voltage
Protection
Over-Voltage
Protection
25k
Ω
(1)
25kΩ(1)
INA128:
INA129:
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA128, INA129
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
INA12x Precision, Low Power Instrumentation Amplifiers
1 Features
3 Description
The INA128 and INA129 are low-power, general
1
•
Low Offset Voltage: 50
μV Maximum
purpose instrumentation amplifiers offering excellent
•
Low Drift: 0.5
μV/°C Maximum
accuracy. The versatile 3-op amp design and small
•
Low Input Bias Current: 5 nA Maximum
size make these amplifiers ideal for a wide range of
applications. Current-feedback input circuitry provides
•
High CMR: 120 dB minimum
wide bandwidth even at high gain (200 kHz at G =
•
Inputs Protected to ±40 V
100).
•
Wide Supply Range: ±2.25 V to ±18 V
A single external resistor sets any gain from 1 to
•
Low Quiescent Current: 700
μA
10,000. The INA128 provides an industry-standard
•
8-PIN Plastic Dip, SO-8
gain
equation;
the
INA129
gain
equation
is
compatible with the AD620.
2 Applications
The INA12x is laser-trimmed for very low offset
•
Bridge Amplifier
voltage (50
μV), drift (0.5 μV/°C) and high common-
mode rejection (120 dB at G
≥ 100). The INA12x
•
Thermocouple Amplifier
operates with power supplies as low as ±2.25 V, and
•
RTD Sensor Amplifier
quiescent current is only 700
μA, ideal for battery-
•
Medical Instrumentation
operated systems. Internal input protection can
withstand up to ±40 V without damage.
•
Data Acquisition
The INA12x is available in 8-pin plastic DIP and SO-8
surface-mount packages, specified for the –40°C to
85°C
temperature
range.
The
INA128
is
also
available in a dual configuration, the INA2128.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
3.91 mm × 4.9 mm
INA128
INA129
PDIP (8)
6.35 mm × 9.81 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA129UA/2K5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA129UA/2K5 TI2-INA129UA/2K5 Datasheet
2Mb / 35P
INA12x Precision, Low-Power Instrumentation Amplifiers
REVISED MAY 2022
INA129UA/2K5.B TI2-INA129UA/2K5.B Datasheet
2Mb / 35P
INA12x Precision, Low-Power Instrumentation Amplifiers
REVISED MAY 2022
More results

Similar Description - INA129UA/2K5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
Precision, Low Power INSTRUMENTATION AMPLIFIER
INA128 BURR-BROWN-INA128 Datasheet
245Kb / 10P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
Precision, Low Power INSTRUMENTATION AMPLIFIERS
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Texas Instruments
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
INA12x-HT Precision, Low-Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
Precision, Low-Power Instrumentation Amplifiers
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
Precision, Low Power Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com