Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA129UA/2K5 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA129UA/2K5
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129UA/2K5 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA129UA/2K5 Datasheet HTML 6Page - Texas Instruments INA129UA/2K5 Datasheet HTML 7Page - Texas Instruments INA129UA/2K5 Datasheet HTML 8Page - Texas Instruments INA129UA/2K5 Datasheet HTML 9Page - Texas Instruments INA129UA/2K5 Datasheet HTML 10Page - Texas Instruments INA129UA/2K5 Datasheet HTML 11Page - Texas Instruments INA129UA/2K5 Datasheet HTML 12Page - Texas Instruments INA129UA/2K5 Datasheet HTML 13Page - Texas Instruments INA129UA/2K5 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
G = 100
5V/div
G = 1000
20µs/div
1s/div
0.1µV/div
G = 100
20mV/div
G = 1000
20µs/div
G = 1
5V/div
G = 10
5µs/div
INA128, INA129
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, unless otherwise noted.
Figure 20. Large Signal (G = 1, 10)
Figure 19. Small Signal (G = 100, 1000)
Figure 22. Voltage Noise 0.1 to 10-Hz Input-Referred, G
≥
Figure 21. Large Signal (G = 100, 1000)
100
10
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com