Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA177GS/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA177GS/2K5
Description  Precision OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA177GS/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  OPA177GS/2K5 Datasheet HTML 1Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 2Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 3Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 4Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 5Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 6Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 7Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 8Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
®
OPA177
OPA177 SPECIFICATIONS
At VS = ±15V, TA = +25°C, unless otherwise noted.
OPA177F
OPA177G
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
10
25
20
60
µV
Long-Term Input Offset(1)
0.3
0.4
µV/Mo
Voltage Stability
Offset Adjustment Range
RP = 20kΩ±3
T
mV
Power Supply Rejection Ratio
VS = ±3V to ±18V
115
125
110
120
dB
INPUT BIAS CURRENT
Input Offset Current
0.3
1.5
T
2.8
nA
Input Bias Current
0.5
±2
T
±2.8
nA
NOISE
Input Noise Voltage
1Hz to 100Hz(2)
85
150
TT
nVrms
Input Noise Current
1Hz to 100Hz
4.5
T
pArms
INPUT IMPEDANCE
Input Resistance
Differential Mode(3)
26
45
18.5
T
M
Ω
Common-Mode
200
T
G
Ω
INPUT VOLTAGE RANGE
Common-Mode Input Range(4)
±13
±14
TT
V
Common-Mode Rejection
VCM = ±13V
130
140
115
T
dB
OPEN-LOOP GAIN
RL ≥ 2kΩ
Large Signal Voltage Gain
VO = ±10V(5)
5110
12,000
2000
6000
V/mV
OUTPUT
Output Voltage Swing
RL ≥ 10kΩ±13.5
±14
TT
V
RL ≥ 2kΩ±12.5
±13
TT
V
RL ≥ 1kΩ±12
±12.5
TT
V
Open-Loop Output Resistance
60
T
Ω
FREQUENCY RESPONSE
Slew Rate
RL ≥ 2kΩ
0.1
0.3
TT
V/
µs
Closed-Loop Bandwidth
G = +1
0.4
0.6
TT
MHz
POWER SUPPLY
Power Consumption
VS = ±15V, No Load
40
60
TT
mW
VS = ±3V, No Load
3.5
4.5
TT
mW
Supply Current
VS = ±15V, No Load
1.3
2
TT
mA
At VS = ±15V, –40°C ≤ TA ≤ +85°C, unless otherwise noted.
OFFSET VOLTAGE
Input Offset Voltage
15
40
20
100
µV
Average Input Offset
0.1
0.3
0.7
1.2
µV/°C
Voltage Drift
Power Supply Rejection Ratio
VS = ±3V to ±18V
110
120
106
115
dB
INPUT BIAS CURRENT
Input Offset Current
0.5
2.2
T
4.5
nA
Average Input Offset Current
1.5
40
T
85
pA/
°C
Drift(6)
Input Bias Current
0.5
±4
T
±6nA
Average Input Bias Current
8
40
15
60
pA/
°C
Drift(6)
INPUT VOLTAGE RANGE
Common-Mode Input Range
±13
±13.5
TT
V
Common-Mode Rejection
VCM = ±13V
120
140
110
T
dB
OPEN-LOOP GAIN
Large Signal Voltage Gain
RL ≥ 2kΩ, VO = ±10V
2000
6000
1000
4000
V/mV
OUTPUT
Output Voltage Swing
RL ≥ 2kΩ±12
±13
TT
V
POWER SUPPLY
Power Consumption
VS = ±15V, No Load
60
75
TT
mW
Supply Current
VS = ±15V, No Load
2
25
TT
mA
T Same as specification for product to left.
NOTES: (1) Long-Term Input Offset Voltage Stability refers to the averaged trend line of VOS vs time over extended periods after the first 30 days of operation. Excluding
the initial hour of operation, changes in VOS during the first 30 operating days are typically less than 2µV. (2) Sample tested. (3) Guaranteed by design. (4) Guaranteed
by CMRR test condition. (5) To insure high open-loop gain throughout the
±10V output range, A
OL is tested at –10V ≤ VO ≤ 0V, 0V ≤ VO ≤ +10V, and –10V ≤ VO ≤ +10V.
(6) Guaranteed by end-point limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com