Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA177GS/2K5 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA177GS/2K5
Description  Precision OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA177GS/2K5 Datasheet(HTML) 5 Page - Texas Instruments

  OPA177GS/2K5 Datasheet HTML 1Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 2Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 3Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 4Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 5Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 6Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 7Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 8Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
®
OPA177
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
150
140
130
120
110
100
90
80
1
10
100
1k
10k
100k
Frequency (Hz)
CMRR vs FREQUENCY
OPEN-LOOP GAIN/PHASE vs FREQUENCY
160
140
120
100
80
60
40
20
0
0.01
1
10
100
1k
10k
100k
1M
0.1
Frequency (Hz)
0
45
90
135
180
Phase
Gain
2
1
0
–1
–2
–40
–15
10
35
60
85
Temperature (°C)
INPUT BIAS AND INPUT OFFSET CURRENT
vs TEMPERATURE
I
B
I
OS
150
130
110
90
70
50
1
10
100
1k
10k
0.1
Frequency (Hz)
POWER SUPPLY REJECTION
vs FREQUENCY
1k
100
10
1
1
Frequency (Hz)
INPUT NOISE VOLTAGE DENSITY vs FREQUENCY
10
100
1k
10k
R = 0
S
R
= R
= 200k
Thermal noise of
source resistors
included.
S1
S2
Ω
10
1
0.1
0.01
100
1k
10k
100k
Bandwidth (Hz)
TOTAL NOISE vs BANDWIDTH
(0.1Hz to Frequency Indicated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com