Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA177GS/2K5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA177GS/2K5
Description  Precision OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA177GS/2K5 Datasheet(HTML) 4 Page - Texas Instruments

  OPA177GS/2K5 Datasheet HTML 1Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 2Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 3Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 4Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 5Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 6Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 7Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 8Page - Texas Instruments OPA177GS/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
®
OPA177
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, unless otherwise noted.
10
30
50
70
020
40
60
30
25
20
15
10
5
0
Time (s)
OFFSET VOLTAGE CHANGE
DUE TO THERMAL SHOCK
80
Device Immersed in 70°C Inert Liquid
Plastic DIP
CLOSED-LOOP RESPONSE vs FREQUENCY
100
80
60
40
20
0
–20
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
3
2
1
0
–1
–2
–3
0
30
60
90
120
Time from Power Supply Turn-On (s)
WARM-UP OFFSET VOLTAGE DRIFT
15
45
75
105
17.5
15
12.5
10
7.5
5
2.5
0
0
6
12
18
24
30
36
I
OUT (mA)
MAXIMUM V
OUT vs IOUT
(Positive Swing)
V
S = ±18V
V
S = ±15V
V
S = ±12V
V
S = ±15V
–17.5
–15
–12.5
–10
–7.5
–5
–2.5
0
0
–2
–4
–6
–8
–10
–12
–I
OUT (mA)
MAXIMUM V
OUT vs IOUT
(Negative Swing)
V
S = ±18V
V
S = ±15V
V
S = ±12V
V
S = ±15V
1
0.1
0.01
0.001
1k
10k
100k
Frequency (Hz)
TOTAL HARMONIC DISTORTION AND NOISE
vs FREQUENCY
A = 20dB, 3Vrms, 10k
Ω load
30kHz low pass filtered
Inverting
Noninverting



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com