Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA660AP Datasheet(PDF) 6 Page - Texas Instruments

Part # OPA660AP
Description  OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA660AP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA660AP Datasheet HTML 2Page - Texas Instruments OPA660AP Datasheet HTML 3Page - Texas Instruments OPA660AP Datasheet HTML 4Page - Texas Instruments OPA660AP Datasheet HTML 5Page - Texas Instruments OPA660AP Datasheet HTML 6Page - Texas Instruments OPA660AP Datasheet HTML 7Page - Texas Instruments OPA660AP Datasheet HTML 8Page - Texas Instruments OPA660AP Datasheet HTML 9Page - Texas Instruments OPA660AP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
®
OPA660
TRANSCONDUCTANCE vs INPUT VOLTAGE
160
120
80
40
0
–40
–30
–20
–10
0
10
20
30
40
R
Q = 250Ω
R
Q = 500Ω
R
Q = 1kΩ
R
Q = 2kΩ
Input Voltage (mV)
BUFFER MAX OUTPUT VOLTAGE vs FREQUENCY
10
0
1M
10M
100M
1G
Frequency (Hz)
0.1
15
10
5
0
–5
–10
–15
–20
–25
1M
10M
100M
1G
Frequency (Hz)
0.2Vp-p
0.6Vp-p
1.4Vp-p
–3dB Point
I
Q = 20mA RIN = 160Ω RL = 100Ω
20
BUFFER FREQUENCY RESPONSE
dB
2.8Vp-p
200k
BUFFER VOLTAGE NOISE SPECTRAL DENSITY
100
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
1
TYPICAL PERFORMANCE CURVES (CONT)
IQ = 20mA, TA = +25°C, and VS = ±5V unless otherwise noted.
OTA PULSE RESPONSE
Output Voltage = 5Vp-p
–2.5V
+2.5V
0V
OTA PULSE RESPONSE
Input Voltage = 1.25Vp-p, t
R = tF = 1ns, Gain = 4
–0.625V
+0.625V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com