Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA660AP Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA660AP
Description  OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA660AP Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA660AP Datasheet HTML 4Page - Texas Instruments OPA660AP Datasheet HTML 5Page - Texas Instruments OPA660AP Datasheet HTML 6Page - Texas Instruments OPA660AP Datasheet HTML 7Page - Texas Instruments OPA660AP Datasheet HTML 8Page - Texas Instruments OPA660AP Datasheet HTML 9Page - Texas Instruments OPA660AP Datasheet HTML 10Page - Texas Instruments OPA660AP Datasheet HTML 11Page - Texas Instruments OPA660AP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
®
OPA660
E
(2)
C
(8)
B
(3)
V
(6)
O
V
(5)
I
Bias
Circuitry
+V
CC = +5V
BUFFER
OTA
100
Ω
50k
Ω
R (ext.)
Q
–V
CC = –5V
I Adj.
(1)
Q
(7)
(4)
HARMONIC DISTORTION vs FREQUENCY
–30
–40
–50
–60
–70
10M
20M
40M
60M
100M
Frequency (Hz)
R
L = 500Ω
I
Q = 20mA
3f
2Vp-p
3f
0.5Vp-p
2f
2Vp-p
2f
0.5Vp-p
Measurement Limit
–80
HARMONIC DISTORTION vs FREQUENCY
–30
–40
–50
–60
–70
10M
20M
40M
60M
100M
2f
3f
Measurement Limit
Frequency (Hz)
R
L = 150Ω
V
O = 0.5Vp-p
I
Q = 20mA
–80
TYPICAL PERFORMANCE CURVES (CONT)
IQ = 20mA, TA = +25°C, and VS = ±5V unless otherwise noted.
APPLICATIONS INFORMATION
The OPA660 operates from
±5V power supplies (±6V
maximum). Do not attempt to operate with larger power
supply voltages or permanent damage may occur.
Inputs of the OPA660 are protected with internal diode
clamps as shown in the simplified schematic, Figure 1. These
protection diodes can safely conduct 10mA, continuously
(30mA peak). If input voltages can exceed the power supply
voltages by 0.7V, the input signal current must be limited.
The buffer output is not current-limited or protected. If the
output is shorted to ground, currents up to 60mA could flow.
Momentary shorts to ground (a few seconds) should be
avoided, but are unlikely to cause permanent damage. The
same cautions apply to the OTA section when connected as
a buffer (see Basic Applications Circuits, Figure 6b).
FIGURE 1. Simplified Circuit Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com