Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA660AP Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA660AP
Description  OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA660AP Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA660AP Datasheet HTML 12Page - Texas Instruments OPA660AP Datasheet HTML 13Page - Texas Instruments OPA660AP Datasheet HTML 14Page - Texas Instruments OPA660AP Datasheet HTML 15Page - Texas Instruments OPA660AP Datasheet HTML 16Page - Texas Instruments OPA660AP Datasheet HTML 17Page - Texas Instruments OPA660AP Datasheet HTML 18Page - Texas Instruments OPA660AP Datasheet HTML 19Page - Texas Instruments OPA660AP Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
®
OPA660
FIGURE 23. Direct-Feedback Amplifier.
OTA
B
E
C
3
8
56
+1
100
Ω
120
Ω
V
I
390
Ω
200
Ω
2
R
P
R
IN
Network
Analyzer
100
Ω
82
Ω
6.4pF
C
P
50
Ω
R
6
68
Ω
R
4
R
2
R
3
I
Q = 20mA
X
E
G =
= 1 +
2
R
3
2 • g
m
1
+ R
5
R
5 +
R
3
2R
5
R
1
R
5
V
O
V
O
f
–3dB
±100mV
331MHz
±300mV
362MHz
±700mV
520MHz
±1.4V
552MHz
±2.5V
490MHz
FIGURE 22. Signal Envelope Detector (Full-Wave Rectifier).
OTA
3
8
2
20k
Ω
3
8
2
V
I
220
Ω
OTA
3
8
2
V
O INT
10
Ω
180
Ω
4
+1
15nF
1µF
7
5
1.2k
Ω
6
–5V
–V
O
100
Ω
+V
O
290
Ω
4
+1
7
5
1.2k
Ω
1
–5V
100
Ω
+5V
6
180
Ω
390
Ω
220
Ω
220
Ω
12k
Ω
5k
Ω
Offset Trim
+–
33pF
IN6263
IN6263
+5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com