Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA660AP Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA660AP
Description  OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA660AP Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA660AP Datasheet HTML 3Page - Texas Instruments OPA660AP Datasheet HTML 4Page - Texas Instruments OPA660AP Datasheet HTML 5Page - Texas Instruments OPA660AP Datasheet HTML 6Page - Texas Instruments OPA660AP Datasheet HTML 7Page - Texas Instruments OPA660AP Datasheet HTML 8Page - Texas Instruments OPA660AP Datasheet HTML 9Page - Texas Instruments OPA660AP Datasheet HTML 10Page - Texas Instruments OPA660AP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
®
OPA660
BUFFER DIFFERENTIAL PHASE ERROR
vs TOTAL QUIESCENT CURRENT (I
Q)
4
Total Quiescent Current—I
Q (mA)
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
6
8
10
12
14
16
18
20
R
L = 500Ω
V
O = 0.7Vp-p
f = 3.58MHz
0
BUFFER DIFFERENTIAL GAIN ERROR
vs TOTAL QUIESCENT CURRENT (I
Q)
4
Total Quiescent Current —I
Q (mA)
0.25
0.20
0.15
0.10
0.05
6
8
10
12
14
16
18
20
R
L = 500Ω
V
O = 0.7Vp-p
f = 3.58MHz
0
5
6
+1
R
IN = 50Ω
Network
Analyzer
50
Ω
R
6
50
Ω
160
Ω
50
Ω
50
Ω
50
Ω
R
L = R6 + R7||RIN = 100Ω
V
I
V
O
R
7
TYPICAL PERFORMANCE CURVES (CONT)
IQ = 20mA, TA = +25°C, and VS = ±5V unless otherwise noted.
Test Circuit Buffer Pulse and Frequency Response
(HDTV Signal Pulse) tR = tF = 10ns, VO = 5Vp-p
t
R = tF = 3ns, VO = 0.2Vp-p
BUFFER LARGE SIGNAL PULSE RESPONSE
BUFFER LARGE SIGNAL PULSE RESPONSE
tR = tF = 3ns, VO = 5Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com