Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8231 Datasheet(PDF) 117 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 117 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 113Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 114Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 115Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 116Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 117Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 118Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 119Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 120Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 121Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-111-
Function 5 & 6 Registers - AC97 Audio & Modem Codecs
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Offset 42 – Function Enable .......................RW (Function 5)
Offset 42 – Function Enable ........................RO (Function 6)
7
MIDI PnP
0
MIDI Port Address Selected by Rx43[3-2] . def
1
MIDI Port Address Selected by IOBase2
6Mask MIDI IRQ
0
Disable ...................................................default
1Enable
5
Function 5 Config Reg Rx2C Writable
0
F5Rx2C-2F RO ......................................default
1
F5Rx2C-2F RW
4
Gate SoundBlaster PCM When FIFO Empty
0
Disable ...................................................default
1Enable
3
Game Port Enable (ENGAME)
0
Disable ...................................................default
1
Enable (200-207h)
2
FM Enable (ENFM)
0
Disable ...................................................default
1
Enable (388-38B)
1
MIDI Enable (ENMIDI)
0
Disable ...................................................default
1Enable
0
SoundBlaster Enable (ENSB)
0
Disable ...................................................default
1Enable
Offset 43 – Plug and Play Control .............RW (Function 5)
Offset 43 – Plug and Play Control ..............RO (Function 6)
7-6
SoundBlaster IRQ Select (SBIRQS[1:0])
00 IRQ5 .....................................................default
01 IRQ7
10 IRQ9
11 IRQ10
5-4
SoundBlaster DRQ Select (SBDRQS[1:0])
00 DMA Channel 0
01 DMA Channel 1 .....................................default
10 DMA Channel 2
11 DMA Channel 3
3-2
MIDI Decode Select (MIDIBASE)
00 300-303h
01 310-313h
10 320-323h
11 330-333h ................................................default
1-0
SoundBlaster Decode Select (SBBASE)
00 220-22Fh ................................................default
01 240-24Fh
10 260-26Fh
11 280-28Fh
Offset 44 – MC97 Interface Control .......... RO (Function 5)
Offset 44 – MC97 Interface Control ......... RW (Function 6)
7
Function 5 AC-Link Interface Access
0
Disable................................................... default
1Enable
6
Secondary Codec Support
0
Disable................................................... default
1Enable
5
Function 6 Config Reg Rx9-B Writable
0
F6Rx9-B RO.......................................... default
1F6Rx9-B RW
4
Function 6 Config Reg 2Ch Writable
0
F6Rx2C-2F RO...................................... default
1
F6Rx2C-2F RW
3-0
Reserved
........................................ always reads 0
Offset 48 – FM NMI Control ..................... RW (Function 5)
Offset 48 – FM NMI Control ...................... RO (Function 6)
7-3
Reserved
........................................ always reads 0
2
FM IRQ Select
0
Route FM Trap interrupt to NMI........... default
1
Route FM Trap interrupt to SMI
1
FM SGD Data for SoundBlaster Mixing
0
Disable................................................... default
1Enable
0
FM Trap Interrupt
0
Enable .................................................... default
1
Disable
Offset 4B-4A – Game Port Base Address . RW (Function 5)
Offset 4B-4A – Game Port Base Address .. RO (Function 6)
15-0 Game Port Base Address ......................... default = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com