Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8231 Datasheet(PDF) 124 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 124 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 120Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 121Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 122Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 123Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 124Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 125Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 126Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 127Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 128Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-118-
Function 5 & 6 Registers - AC97 Audio & Modem Codecs
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
Function 6 I/O Base 0 Regs –Modem Scatter/Gather DMA
I/O Offset 0 – Modem Read Channel SGD Status.......RWC
7
SGD Active (0 = completed or terminated)........RO
6
SGD Paused ..........................................................RO
5-4
Reserved
........................................ always reads 0
3
SGD Trigger Queued (transaction will restart after
EOL)
..........................................................RO
2
SGD Stopped ........................................................RO
1
SGD EOL
......................................................RWC
0
SGD Flag
......................................................RWC
I/O Offset 1 – Modem Read Channel SGD Control .......RW
7
SGD Trigger ........................... WO (always reads 0)
0
No effect
1
Trigger SGD Operation
6
SGD Terminate ...................... WO (always reads 0)
0
No effect
1
Terminate SGD Operation
5-4
Reserved (Do Not Program)............always write 0’s
3SGD Pause
0
Release SGD pause and resume the transfer
from the paused line
1
Pause SGD read operation (SGD pointer stays
at the current address)
2-0
Reserved (No Function) ...................................... RW
I/O Offset 2 – Modem Read Channel SGD Type............RW
7
Auto Restart
0
Stop SGD Operation at EOL
1
Restart SGD Operation at EOL
6-4
Reserved
........................................ always reads 0
3-2
Interrupt Select
00 Interrupt at last line PCI read
01 Interrupt at last sample sent
10 Interrupt at less than one line to send
11 -reserved-
1
Interrupt on EOL @ End of Block
0
Disable ...................................................default
1Enable
0
Interrupt on FLAG @ End-of-Blk
0
Disable ...................................................default
1Enable
I/O Offset 7-4 – Modem SGD Read Table Pointer .........RW
31-0 SGD Table Pointer Base Address (even addr).....W
Current Pointer Address ........................................R
I/O Offset F-C – Modem SGD Current Read Count.......RO
31-24 Reserved
........................................ always reads 0
23-0 Current SGD Read Count
I/O Offset 10 – Modem Write Channel SGD Status ... RWC
7SGD Active (0 = completed or terminated) .......... RO
6
SGD Paused ......................................................... RO
5-4
Reserved
........................................ always reads 0
3
SGD Trigger Queued (transaction will restart after
EOL)
......................................................... RO
2
Reserved
........................................ always reads 0
1SGD EOL (clear interrupt if Rx62[1] is set)..... RWC
0SGD Flag (clear interrupt if Rx62[0] is set) ..... RWC
I/O Offset 11 – Modem Write Channel SGD Control ... RW
7
SGD Trigger............................WO (always reads 0)
0
No effect
1
Trigger SGD Operation
6
SGD Terminate.......................WO (always reads 0)
0
No effect
1
Terminate SGD Operation
5-4
Reserved
........................................ always reads 0
3SGD Pause
0
Release SGD pause and resume the transfer
from the paused line
1
Pause SGD read operation (SGD pointer stays
at the current address)
3-2
Reserved
........................................ always reads 0
I/O Offset 12 – Modem Write Channel SGD Format .... RW
7
Auto Restart
0
Stop SGD Operation at EOL
1
Restart SGD Operation at EOL
6-2
Reserved
........................................ always reads 0
1
Interrupt on EOL @ End of Block
0
Disable................................................... default
1Enable
0
Interrupt on FLAG @ End-of-Blk
0
Disable................................................... default
1Enable
I/O Offset 17-14 – Modem Wr Chan SGD Table Ptr .... RW
31-0 SGD Table Pointer Base Address (even addr) .... W
Current Pointer Address ....................................... R
I/O Offset 1F-1C – Modem Wr Chan SGD Current CntRO
31-24 Current SGD Index
23-0 Current SGD Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com