Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1744 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1744
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1744 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1744 Datasheet HTML 2Page - Dallas Semiconductor DS1744 Datasheet HTML 3Page - Dallas Semiconductor DS1744 Datasheet HTML 4Page - Dallas Semiconductor DS1744 Datasheet HTML 5Page - Dallas Semiconductor DS1744 Datasheet HTML 6Page - Dallas Semiconductor DS1744 Datasheet HTML 7Page - Dallas Semiconductor DS1744 Datasheet HTML 8Page - Dallas Semiconductor DS1744 Datasheet HTML 9Page - Dallas Semiconductor DS1744 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
DS1744/DS1744P Y2K-Compliant, Nonvolatile Timekeeping RAMs
6 of 18
DATA-RETENTION MODE
The 5V device is fully accessible and data can be written or read only when VCC is greater than VPF.
However, when VCC is below the power-fail point, VPF (point at which write protection occurs), the
internal clock registers and SRAM are blocked from any access. At this time the power-fail reset-output
signal ( RST ) is driven active and remains active until VCC returns to nominal levels. When VCC falls
below the battery switch point VSO (battery supply level), device power is switched from the VCC pin to the
backup battery. RTC operation and SRAM data are maintained from the battery until VCC is returned to
nominal levels. The 3.3V device is fully accessible, and data can be written or read only when VCC is
greater than VPF. When VCC falls below VPF access to the device is inhibited. At this time the power-fail
reset-output signal ( RST ) is driven active and remains active until VCC returns to nominal levels. If VPF is
less than VSO, the device power is switched from VCC to the backup supply (VBAT) when VCC drops below
VPF. If VPF is greater than VSO, the device power is switched from VCC to the backup supply (VBAT) when
VCC drops below VSO. RTC operation and SRAM data are maintained from the battery until VCC is
returned to nominal levels. The RST signal is an open-drain output and requires a pullup. Except for the
RST , all control, data, and address signals must be powered down when VCC is powered down.
BATTERY LONGEVITY
The DS1744 has a lithium power source that is designed to provide energy for clock activity and clock and
RAM data retention when the VCC supply is not present. The capability of this internal power supply is
sufficient to power the DS1744 continuously for the life of the equipment in which it is installed. For
specification purposes, the life expectancy is 10 years at +25
°C with the internal clock oscillator running
in the absence of VCC power. Each DS1744 is shipped from Dallas Semiconductor with its lithium energy
source disconnected, guaranteeing full energy capacity. When VCC is first applied at a level greater than
VPF, the lithium energy source is enabled for battery-backup operation. Actual life expectancy of the
DS1744 is much longer than 10 years since no lithium battery energy is consumed when VCC is present.
BATTERY MONITOR
The DS1744 constantly monitors the battery voltage of the internal battery. The battery flag bit (bit 7) of
the day register is used to indicate the voltage-level range of the battery. This bit is not writable and should
always be a 1 when read. If a 0 is ever present, an exhausted lithium energy source is indicated, and both
the contents of the RTC and RAM are questionable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com