Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1744 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1744
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1744 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1744 Datasheet HTML 1Page - Dallas Semiconductor DS1744 Datasheet HTML 2Page - Dallas Semiconductor DS1744 Datasheet HTML 3Page - Dallas Semiconductor DS1744 Datasheet HTML 4Page - Dallas Semiconductor DS1744 Datasheet HTML 5Page - Dallas Semiconductor DS1744 Datasheet HTML 6Page - Dallas Semiconductor DS1744 Datasheet HTML 7Page - Dallas Semiconductor DS1744 Datasheet HTML 8Page - Dallas Semiconductor DS1744 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
DS1744/DS1744P Y2K-Compliant, Nonvolatile Timekeeping RAMs
2 of 18
PIN DESCRIPTION
A0–A14
- Address Input
CE
- Chip Enable
OE
- Output Enable
WE
- Write Enable
VCC
- Power-Supply Input
GND
- Ground
DQ0–DQ7
- Data Input/Output
N.C.
- No Connection
RST
- Power-On Reset Output (PowerCap module board only)
X1, X2
- Crystal Connection
VBAT
- Battery Connection
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
VOLTAGE
(V)
TOP MARK
DS1744-70
0°C to +70°C
28 PDIP Module
5
DS1744-70
DS1744-70IND
-40°C to +85°C
28 PDIP Module
5
DS1744-70IND
DS1744P-70
0°C to +70°C
34 PowerCap*
5
DS1744P-70
DS1744P-70IND
-40°C to +85°C
34 PowerCap*
5
DS1744P-70IND
DS1744W-120
0°C to +70°C
28 DIP Module
3.3
DS1744W-120
DS1744W-120IND
-40°C to +85°C
28 DIP Module
3.3
DS1744W-120IND
DS1744WP-120
0°C to +70°C
34 PowerCap*
3.3
DS1744WP-120
DS1744WP-120IND
-40°C to +85°C
34 PowerCap*
3.3
DS1744WP-120IND
*DS9034PCX (PowerCap) required. (Must be ordered separately.)
DESCRIPTION
The DS1744 is a full-function, year-2000-compliant (Y2KC), real-time clock/calendar (RTC) and 32k x 8
NV SRAM. User access to all registers within the DS1744 is accomplished with a byte-wide interface as
shown in Figure 1. The RTC information and control bits reside in the eight uppermost RAM locations.
The RTC registers contain century, year, month, date, day, hours, minutes, and seconds data in 24-hour
BCD format. Corrections for the date of each month and leap year are made automatically. The RTC clock
registers are double-buffered to avoid access of incorrect data that can occur during clock update cycles.
The double-buffered system also prevents time loss as the timekeeping countdown continues unabated by
access to time register data. The DS1744 also contains its own power-fail circuitry that deselects the
device when the VCC supply is in an out-of-tolerance condition. This feature prevents loss of data from
unpredictable system operation brought on by low VCC as errant access and update cycles are avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com