Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1744 Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS1744
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1744 Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS1744 Datasheet HTML 6Page - Dallas Semiconductor DS1744 Datasheet HTML 7Page - Dallas Semiconductor DS1744 Datasheet HTML 8Page - Dallas Semiconductor DS1744 Datasheet HTML 9Page - Dallas Semiconductor DS1744 Datasheet HTML 10Page - Dallas Semiconductor DS1744 Datasheet HTML 11Page - Dallas Semiconductor DS1744 Datasheet HTML 12Page - Dallas Semiconductor DS1744 Datasheet HTML 13Page - Dallas Semiconductor DS1744 Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DS1744/DS1744P Y2K-Compliant, Nonvolatile Timekeeping RAMs
10 of 18
AC CHARACTERISTICS—WRITE CYCLE (5V)
(VCC = 5.0V
±10%, TA = Over the operating range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Write Cycle Time
tWC
70
ns
Address Setup Time
tAS
0
ns
WE Pulse Width
tWEW
50
ns
CE Pulse Width
tCEW
60
ns
Data Setup Time
tDS
30
ns
Data Hold Time
tDH1
0
ns
8
Data Hold Time
tDH2
0
ns
9
Address Hold Time
tAH1
5
ns
8
Address Hold Time
tAH2
5
ns
9
WE Data Off Time
tWEZ
25
ns
Write Recovery Time
tWR
5
ns
AC CHARACTERISTICS—WRITE CYCLE (3.3V)
(VCC = 3.3V
±10%, TA = Over the operating range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Write Cycle Time
tWC
120
ns
Address Setup Time
tAS
0
120
ns
WE Pulse Width
tWEW
100
ns
CE Pulse Width
tCEW
110
ns
CE and CE2 Pulse Width
tCEW
110
ns
Data Setup Time
tDS
80
ns
Data Hold Time
tDH1
0
ns
8
Data Hold Time
tDH2
0
ns
9
Address Hold Time
tAH1
0
ns
8
Address Hold Time
tAH2
10
ns
9
WE Data Off Time
tWEZ
40
ns
Write Recovery Time
tWR
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com