Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5952 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5952
Description  MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5952 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5952 Datasheet HTML 3Page - STMicroelectronics L5952 Datasheet HTML 4Page - STMicroelectronics L5952 Datasheet HTML 5Page - STMicroelectronics L5952 Datasheet HTML 6Page - STMicroelectronics L5952 Datasheet HTML 7Page - STMicroelectronics L5952 Datasheet HTML 8Page - STMicroelectronics L5952 Datasheet HTML 9Page - STMicroelectronics L5952 Datasheet HTML 10Page - STMicroelectronics L5952 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/15
L5952
Figure 1. Comparator Part
Figure 2. Reset Function
DET1,2 Delay Time: T = 3000 x C <sec>
Hard Reset Time: T = –CR ln 0.7 <sec>
ref
DELAY
ref
ref
VIN
STCAP
DET1IN
DMOS
D00AU1174A
DMOS
DMOS
DET2
DET1
DET17
DET3
VOUT1
REXT1
REXT2
REXT3
150K
Ω
SWEXT
REXT1
CEXT
1
µF
REXT2
REXT1
REXT2
VOUT1
VIN
DELAYCAP
HRCAP
CEXT2
1
µF
DET2IN
VOUT1
DET3IN
+
HRCap must be connected to VOUT1 at no hard reset function
VOUT1
DET1IN
REXT1
REXT2
VIN
(FALLING Vth)
REXT1 + REXT2
REXT2
(RISING Vth)
Vth =
* 1.24
(RISING Vth)
DET3IN
REXT1
REXT2
VOUT1
DET2IN
REXT1
REXT2
D00AU1175A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com