Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5952 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L5952
Description  MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5952 Datasheet(HTML) 5 Page - STMicroelectronics

  L5952 Datasheet HTML 1Page - STMicroelectronics L5952 Datasheet HTML 2Page - STMicroelectronics L5952 Datasheet HTML 3Page - STMicroelectronics L5952 Datasheet HTML 4Page - STMicroelectronics L5952 Datasheet HTML 5Page - STMicroelectronics L5952 Datasheet HTML 6Page - STMicroelectronics L5952 Datasheet HTML 7Page - STMicroelectronics L5952 Datasheet HTML 8Page - STMicroelectronics L5952 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
L5952
Output 4: (Vout4)
Vadj
Adjustable range
Iout = 400mA
5
7.3
V
Imax
Max. Current
Current limiter
1.2
2.4
A
SVRR
Ripple rejection
1kHz, Vripple = 2Vpp
50
60
dB
Vdrop
Voltage Drop
Iout = 400mA
0.6
0.75
V
∆Vload
Load Regulation
Iout = 0 to 400mA
20
50
mV
∆Vlin
Line Regulation
IOUT = 0
0
50
mV
Vout4 Voltage configuration
Setting 1
Iout < 400mA; Vin = 9 to 16V
7
7.3
7.6
V
Setting 2
6.7
7
7.3
V
Setting 3
6.3
6.6
6.9
V
Setting 4
6
6.3
6.6
V
Setting 5
5.7
6
6.3
V
Setting 6
5.3
5.5
5.7
V
Setting 7
4.75
5
5.25
V
Select one of above settings as well as ON/OFF control by I2C. Default is OFF
Output 5 (Vout5)
Vadj
Adjustable range
Iout < 500mA
3.3
5
V
Imax
Max. Current
Current limiter
600
1000
mA
∆Vload
Load Regulation
Iout = 0 to 500mA
30
50
mV
SVRR
Ripple Rejection
1kHz, Vripple = 2Vvpp
50
60
dB
Vdrop
Voltage Drop
Iout = 500mA
2.4
3.6
V
∆Vlin
Line Regulation
IOUT = 0
0
50
mV
Vout5 Voltage configuration
Setting 1
Iout < 500mA; Vin = 9 to 16V
3.1
3.3
3.5
V
Setting 2
4.75
5.0
5.25
V
Select one of above settings as well as ON/OFF control by I2C. Default is OFF
Output 6 (Vout6)
Vout
Output Voltage
Iout < 800mA; Vin = 9 to 16V
8.4
15.4
V
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
ELECTRICAL CHARACTERISTCS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com