Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5952 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L5952
Description  MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5952 Datasheet(HTML) 1 Page - STMicroelectronics

  L5952 Datasheet HTML 1Page - STMicroelectronics L5952 Datasheet HTML 2Page - STMicroelectronics L5952 Datasheet HTML 3Page - STMicroelectronics L5952 Datasheet HTML 4Page - STMicroelectronics L5952 Datasheet HTML 5Page - STMicroelectronics L5952 Datasheet HTML 6Page - STMicroelectronics L5952 Datasheet HTML 7Page - STMicroelectronics L5952 Datasheet HTML 8Page - STMicroelectronics L5952 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
L5952
September 2003
s
FIVE REGULATED OUTPUTS
Vo1 5V @500mA
Vo2 8.3V @ 250mA
Vo3 7.7V to 8.5V @250mA (I2C presettable)
Vo4 5V to 7.3V @0.4A (I2C presettable)
Vo5 3.3V to 5V @500mA (I2C presettable)
HSDout RON = 0.6Ω
s
I2C ENABLE & OUT PRESET
s
ADJUSTABLE BATTERY DETECTION
CIRCUIT
s
RESET OUTPUT
s
BACKUP FACILITY
s
LOW QUIESCENT CONSUMPTION
s
HIGH RIPPLE REJECTION
s
LOAD DUMP
s
OVERCURRENT & SHORT CIRCUIT
PROTECTORS
s
THERMAL SHUTDOWN
DESCRIPTION
The L5952 is a multifunction 5 output voltage regula-
tor plus a High Side Driver primarily developed for car
radio applications.
Three outputs are enabled and set via I2C bus.
Very low stand-by current consumption is achieved
to specifically comply with entertainment and auto-
motive environments.
Flexiwatt 25
ORDERING NUMBER: L5952
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
PIN CONNECTION (Top View)
D99AU1055D
TAB
GND
VOUT1
DELAY CAP
VOUT2
BATT-DET 1 IN
VOUT3
N.C.
BATT-DET 2 IN
BATT-DET 3 IN
HRCAP
N.C.
BATT-DET 1
BATT-DET 2
BATT-DET 3
BATT-DET 17
ST-CAP
RESET
VOUT4
DIG GND
VOUT5
CLOCK
VOUT6
DATA
VIN
1
25


Similar Part No. - L5952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Mar-2001
L5951 STMICROELECTRONICS-L5951 Datasheet
119Kb / 13P
TRIPLE OUTPUT MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO WITH IDR/CLASS 2 INTERFACE
Jan-2001
L5951 STMICROELECTRONICS-L5951 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
L5951 STMICROELECTRONICS-L5951_V01 Datasheet
297Kb / 18P
Triple output multifunction voltage regulator for car radio with IDR/class2 interface
23-Sep-2013
L5953 STMICROELECTRONICS-L5953 Datasheet
217Kb / 24P
MULTIPLE SWITCHING VOLTAGE REGULATOR
Sep-2003
More results

Similar Description - L5952

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4936N STMICROELECTRONICS-L4936N Datasheet
87Kb / 11P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L4937N STMICROELECTRONICS-L4937N Datasheet
66Kb / 9P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
Jun-2000
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Mar-2001
logo
Sanyo Semicon Device
LA5665 SANYO-LA5665 Datasheet
72Kb / 3P
Multifunction Multiple Voltage Regulator
LA5666 SANYO-LA5666 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator?
LA5667 SANYO-LA5667 Datasheet
77Kb / 3P
Multifunction Multiple Voltage Regulator???
LA5668 SANYO-LA5668 Datasheet
87Kb / 4P
Multifunction Voltage Regulator???
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L4938ND013TR STMICROELECTRONICS-L4938ND013TR Datasheet
563Kb / 12P
DUAL MULTIFUNCTION VOLTAGE REGULATOR
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
09-Jul-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com