Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5952 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5952
Description  MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5952 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5952 Datasheet HTML 6Page - STMicroelectronics L5952 Datasheet HTML 7Page - STMicroelectronics L5952 Datasheet HTML 8Page - STMicroelectronics L5952 Datasheet HTML 9Page - STMicroelectronics L5952 Datasheet HTML 10Page - STMicroelectronics L5952 Datasheet HTML 11Page - STMicroelectronics L5952 Datasheet HTML 12Page - STMicroelectronics L5952 Datasheet HTML 13Page - STMicroelectronics L5952 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
L5952
10/15
OUT 4
OUT 5
OUT 6
Note: Default setting indicated with underline.
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0OFF
1ON
0
0
0
OUT VOLTAGE 7.3V
0
0
1
OUT VOLTAGE 7.0V
0
1
0
OUT VOLTAGE 6.6V
0
1
1
OUT VOLTAGE 6.3V
1
0
0
OUT VOLTAGE 6.0V
1
0
1
OUT VOLTAGE 5.5V
1
1
X
OUT VOLTAGE 5.0V
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
0OFF
1ON
0
OUT VOLTAGE 3.3V
1
OUT VOLTAGE 5.0V
MSB
LSB
FUNCTION
D7
D6
D5
D4
D3
D2
D1
D0
00
0
OFF
00
1
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com