Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43AB21 Datasheet(PDF) 48 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 44Page - Texas Instruments TSB43AB21 Datasheet HTML 45Page - Texas Instruments TSB43AB21 Datasheet HTML 46Page - Texas Instruments TSB43AB21 Datasheet HTML 47Page - Texas Instruments TSB43AB21 Datasheet HTML 48Page - Texas Instruments TSB43AB21 Datasheet HTML 49Page - Texas Instruments TSB43AB21 Datasheet HTML 50Page - Texas Instruments TSB43AB21 Datasheet HTML 51Page - Texas Instruments TSB43AB21 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 109 page
background image
4–7
4.5
CSR Compare Register
The CSR compare register accesses the bus management CSR registers from the host through compare-swap
operations. This register contains the data to be compared with the existing value of the CSR resource.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
CSR compare
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CSR compare
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register:
CSR compare
Offset:
10h
Type:
Read-only
Default:
XXXX XXXXh
4.6
CSR Control Register
The CSR control register accesses the bus management CSR registers from the host through compare-swap
operations. This register controls the compare-swap operation and selects the CSR resource. See Table 4–5 for a
complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
CSR control
Type
RU
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CSR control
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
X
X
Register:
CSR control
Offset:
14h
Type:
Read/Write, Read/Update, Read-only
Default:
8000 000Xh
Table 4–5. CSR Control Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31
csrDone
RU
Bit 31 is set to 1 by the TSB43AB21 device when a compare-swap operation is complete. It is cleared
whenever this register is written.
30–2
RSVD
R
Reserved. Bits 30–2 return 0s when read.
1–0
csrSel
R/W
This field selects the CSR resource as follows:
00 = BUS_MANAGER_ID
01 = BANDWIDTH_AVAILABLE
10 = CHANNELS_AVAILABLE_HI
11 = CHANNELS_AVAILABLE_LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com