Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43AB21 Datasheet(PDF) 73 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 73 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 69Page - Texas Instruments TSB43AB21 Datasheet HTML 70Page - Texas Instruments TSB43AB21 Datasheet HTML 71Page - Texas Instruments TSB43AB21 Datasheet HTML 72Page - Texas Instruments TSB43AB21 Datasheet HTML 73Page - Texas Instruments TSB43AB21 Datasheet HTML 74Page - Texas Instruments TSB43AB21 Datasheet HTML 75Page - Texas Instruments TSB43AB21 Datasheet HTML 76Page - Texas Instruments TSB43AB21 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 109 page
background image
4–32
Table 4–27. Asynchronous Request Filter High Register Description (Continued)
BIT
FIELD NAME
TYPE
DESCRIPTION
18
asynReqResource50
RSC
If bit 18 is set to 1 for local bus node number 50, asynchronous requests received by the
TSB43AB21 device from that node are accepted.
17
asynReqResource49
RSC
If bit 17 is set to 1 for local bus node number 49, asynchronous requests received by the
TSB43AB21 device from that node are accepted.
16
asynReqResource48
RSC
If bit 16 is set to 1 for local bus node number 48, asynchronous requests received by the
TSB43AB21 device from that node are accepted.
15
asynReqResource47
RSC
If bit 15 is set to 1 for local bus node number 47, asynchronous requests received by the
TSB43AB21 device from that node are accepted.
14
asynReqResource46
RSC
If bit 14 is set to 1 for local bus node number 46, asynchronous requests received by the
TSB43AB21 device from that node are accepted.
13
asynReqResource45
RSC
If bit 13 is set to 1 for local bus node number 45, asynchronous requests received by the
TSB43AB21 device from that node are accepted.
12
asynReqResource44
RSC
If bit 12 is set to 1 for local bus node number 44, asynchronous requests received by the
TSB43AB21 device from that node are accepted.
11
asynReqResource43
RSC
If bit 11 is set to 1 for local bus node number 43, asynchronous requests received by the
TSB43AB21 device from that node are accepted.
10
asynReqResource42
RSC
If bit 10 is set to 1 for local bus node number 42, asynchronous requests received by the
TSB43AB21 device from that node are accepted.
9
asynReqResource41
RSC
If bit 9 is set to 1 for local bus node number 41, asynchronous requests received by the TSB43AB21
device from that node are accepted.
8
asynReqResource40
RSC
If bit 8 is set to 1 for local bus node number 40, asynchronous requests received by the TSB43AB21
device from that node are accepted.
7
asynReqResource39
RSC
If bit 7 is set to 1 for local bus node number 39, asynchronous requests received by the TSB43AB21
device from that node are accepted.
6
asynReqResource38
RSC
If bit 6 is set to 1 for local bus node number 38, asynchronous requests received by the TSB43AB21
device from that node are accepted.
5
asynReqResource37
RSC
If bit 5 is set to 1 for local bus node number 37, asynchronous requests received by the TSB43AB21
device from that node are accepted.
4
asynReqResource36
RSC
If bit 4 is set to 1 for local bus node number 36, asynchronous requests received by the TSB43AB21
device from that node are accepted.
3
asynReqResource35
RSC
If bit 3 is set to 1 for local bus node number 35, asynchronous requests received by the TSB43AB21
device from that node are accepted.
2
asynReqResource34
RSC
If bit 2 is set to 1 for local bus node number 34, asynchronous requests received by the TSB43AB21
device from that node are accepted.
1
asynReqResource33
RSC
If bit 1 is set to 1 for local bus node number 33, asynchronous requests received by the TSB43AB21
device from that node are accepted.
0
asynReqResource32
RSC
If bit 0 is set to 1 for local bus node number 32, asynchronous requests received by the TSB43AB21
device from that node are accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com