Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43AB21 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 3Page - Texas Instruments TSB43AB21 Datasheet HTML 4Page - Texas Instruments TSB43AB21 Datasheet HTML 5Page - Texas Instruments TSB43AB21 Datasheet HTML 6Page - Texas Instruments TSB43AB21 Datasheet HTML 7Page - Texas Instruments TSB43AB21 Datasheet HTML 8Page - Texas Instruments TSB43AB21 Datasheet HTML 9Page - Texas Instruments TSB43AB21 Datasheet HTML 10Page - Texas Instruments TSB43AB21 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 109 page
background image
vii
3–14
MIN_GNT and MAX_LAT Register Description
3–12
. . . . . . . . . . . . . . . . . . . . .
3–15
OHCI Control Register Description
3–13
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–16
Capability ID and Next Item Pointer Registers Description
3–13
. . . . . . . . . . . .
3–17
Power Management Capabilities Register Description
3–14
. . . . . . . . . . . . . . .
3–18
Power Management Control and Status Register Description
3–15
. . . . . . . . .
3–19
Power Management Extension Registers Description
3–15
. . . . . . . . . . . . . . . .
3–20
PCI PHY Control Register
3–16
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–21
Miscellaneous Configuration Register
3–17
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3–22
Link Enhancement Control Register Description
3–18
. . . . . . . . . . . . . . . . . . . .
3–23
Subsystem Access Register Description
3–19
. . . . . . . . . . . . . . . . . . . . . . . . . . .
3–24
General-Purpose Input/Output Control Register Description
3–20
. . . . . . . . . .
4–1
OHCI Register Map
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–2
OHCI Version Register Description
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–3
GUID ROM Register Description
4–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–4
Asynchronous Transmit Retries Register Description
4–6
. . . . . . . . . . . . . . . .
4–5
CSR Control Register Description
4–7
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–6
Configuration ROM Header Register Description
4–8
. . . . . . . . . . . . . . . . . . . .
4–7
Bus Options Register Description
4–9
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–8
Configuration ROM Mapping Register Description
4–11
. . . . . . . . . . . . . . . . . . .
4–9
Posted Write Address Low Register Description
4–11
. . . . . . . . . . . . . . . . . . . .
4–10
Posted Write Address High Register Description
4–12
. . . . . . . . . . . . . . . . . . . .
4–11
Host Controller Control Register Description
4–13
. . . . . . . . . . . . . . . . . . . . . . . .
4–12
Self-ID Count Register Description
4–15
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–13
Isochronous Receive Channel Mask High Register Description
4–16
. . . . . . .
4–14
Isochronous Receive Channel Mask Low Register Description
4–17
. . . . . . . .
4–15
Interrupt Event Register Description
4–18
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–16
Interrupt Mask Register Description
4–20
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–17
Isochronous Transmit Interrupt Event Register Description
4–22
. . . . . . . . . . .
4–18
Isochronous Receive Interrupt Event Register Description
4–23
. . . . . . . . . . .
4–19
Initial Bandwidth Available Register Description
4–24
. . . . . . . . . . . . . . . . . . . . .
4–20
Initial Channels Available High Register Description
4–25
. . . . . . . . . . . . . . . . .
4–21
Initial Channels Available Low Register Description
4–25
. . . . . . . . . . . . . . . . .
4–22
Fairness Control Register Description
4–26
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–23
Link Control Register Description
4–27
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–24
Node Identification Register Description
4–28
. . . . . . . . . . . . . . . . . . . . . . . . . . .
4–25
PHY Control Register Description
4–29
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4–26
Isochronous Cycle Timer Register Description
4–30
. . . . . . . . . . . . . . . . . . . . . .
4–27
Asynchronous Request Filter High Register Description
4–31
. . . . . . . . . . . . .
4–28
Asynchronous Request Filter Low Register Description
4–33
. . . . . . . . . . . . . .
4–29
Physical Request Filter High Register Description
4–34
. . . . . . . . . . . . . . . . . . .
4–30
Physical Request Filter Low Register Description
4–36
. . . . . . . . . . . . . . . . . . .
4–31
Asynchronous Context Control Register Description
4–37
. . . . . . . . . . . . . . . . .
4–32
Asynchronous Context Command Pointer Register Description
4–38
. . . . . . .
4–33
Isochronous Transmit Context Control Register Description
4–39
. . . . . . . . . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com