Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB43AB21 Datasheet(PDF) 49 Page - Texas Instruments

Part # TSB43AB21
Description  INTERGRATED 1394A-2000 OHCI PHY LINK-LAYER CONTROLLER
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB43AB21 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TSB43AB21 Datasheet HTML 45Page - Texas Instruments TSB43AB21 Datasheet HTML 46Page - Texas Instruments TSB43AB21 Datasheet HTML 47Page - Texas Instruments TSB43AB21 Datasheet HTML 48Page - Texas Instruments TSB43AB21 Datasheet HTML 49Page - Texas Instruments TSB43AB21 Datasheet HTML 50Page - Texas Instruments TSB43AB21 Datasheet HTML 51Page - Texas Instruments TSB43AB21 Datasheet HTML 52Page - Texas Instruments TSB43AB21 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
4–8
4.7
Configuration ROM Header Register
The configuration ROM header register externally maps to the first quadlet of the 1394 configuration ROM, offset
FFFF F000 0400h. See Table 4–6 for a complete description of the register contents.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Configuration ROM header
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Configuration ROM header
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Register:
Configuration ROM header
Offset:
18h
Type:
Read/Write
Default:
0000 XXXXh
Table 4–6. Configuration ROM Header Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
31–24
info_length
R/W
IEEE 1394 bus-management field. Must be valid when bit 17 (linkEnable) in the host controller control
register at OHCI offset 50h/54h (see Section 4.16, Host Controller Control Register) is set to 1.
23–16
crc_length
R/W
IEEE 1394 bus-management field. Must be valid when bit 17 (linkEnable) in the host controller control
register at OHCI offset 50h/54h (see Section 4.16, Host Controller Control Register) is set to 1.
15–0
rom_crc_value
R/W
IEEE 1394 bus-management field. Must be valid at any time bit 17 (linkEnable) in the host controller
control register at OHCI offset 50h/54h (see Section 4.16, Host Controller Control Register) is set to
1. The reset value is undefined if no serial EEPROM is present. If a serial EEPROM is present, this
field is loaded from the serial EEPROM.
4.8
Bus Identification Register
The bus identification register externally maps to the first quadlet in the Bus_Info_Block and contains the constant
3133 3934h, which is the ASCII value of 1394.
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Bus identification
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
1
1
0
0
0
1
0
0
1
1
0
0
1
1
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Bus identification
Type
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
1
1
1
0
0
1
0
0
1
1
0
1
0
0
Register:
Bus identification
Offset:
1Ch
Type:
Read-only
Default:
3133 3934h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com