Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8162 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC8162
Description  2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8162 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC8162 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
9/14/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8162
2.488 Gbit/sec SONET/SDH
1:16 Demux with Clock Recovery
G52209-0, Rev. 2.0
High Speed Clock Output
The high speed clock output is provided for test and measurement purposes. A termination method for the
high speed clock output is shown in Figure 5. In addition to the AC coupling method shown, the device may
also be DC coupled with a 50
Ω resistor connected to V
CC. By using these termination methods, a nominal volt-
age swing of 200mV - 300mV, single-ended peak-to-peak, can be expected.
In order to reduce noise on the board, the clock output can be disabled by using the CKOE pin. CKOE is a
normal ECL input, which, when left floating, will default to a low level (output disabled). In order to set the
CKOE pin to a logic high, it can be tied directly to VCC without the need for a resistor.
Figure 5: High-Speed Clock Output Termination
CLK
CLKN
8162
270
Ω
0.1 uF
0.1 uF
50
Ω
50
Ω
Zo = 50Ω
Zo = 50Ω
270
Ω
VCC
VCC
VTERM
VTERM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com