Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8162 Datasheet(PDF) 17 Page - Vitesse Semiconductor Corporation

Part # VSC8162
Description  2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8162 Datasheet(HTML) 17 Page - Vitesse Semiconductor Corporation

Back Button VSC8162 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 20Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 17
9/14/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8162
2.488 Gbit/sec SONET/SDH
1:16 Demux with Clock Recovery
G52209-0, Rev. 2.0
VTT
76
-
Power supply (-2.0V typ.)
D10+
77
O
Low-speed Differential Parallel Data (true)
D10-
78
O
Low-speed Differential Parallel Data (complement)
D9+
79
O
Low-speed Differential Parallel Data (true)
D9-
80
O
Low-speed Differential Parallel Data (complement)
VCC
81
-
Power supply (GND typ.)
VTT
82
-
Power supply (-2.0V typ.)
D8+
83
O
Low-speed Differential Parallel Data (true)
D8-
84
O
Low-speed Differential Parallel Data (complement)
D7+
85
O
Low-speed Differential Parallel Data (true)
D7-
86
O
Low-speed Differential Parallel Data (complement)
VTT
87
-
Power supply (-2.0V typ.)
VTT
88
-
Power supply (-2.0V typ.)
VCC
89
-
Power supply (GND typ.)
D6+
90
O
Low-speed Differential Parallel Data (true)
D6-
91
O
Low-speed Differential Parallel Data (complement)
D5+
92
O
Low-speed Differential Parallel Data (true)
D5-
93
O
Low-speed Differential Parallel Data (complement)
VTT
94
-
Power supply (-2.0V typ.)
VCC
95
-
Power supply (GND typ.)
D4+
96
O
Low-speed Differential Parallel Data (true)
D4-
97
O
Low-speed Differential Parallel Data (complement)
D3+
98
O
Low-speed Differential Parallel Data (true)
D3-
99
O
Low-speed Differential Parallel Data (complement)
VTT
100
-
Power supply (-2.0V typ.)
VTT
101
-
Power supply (-2.0V typ.)
VCC
102
-
Power supply (GND typ.)
D2+
103
O
Low-speed Differential Parallel Data (true)
D2-
104
O
Low-speed Differential Parallel Data (complement)
D1+
105
O
Low-speed Differential Parallel Data (true)
D1-
106
O
Low-speed Differential Parallel Data (complement)
VCC
107
-
Power supply (GND typ.)
VTT
108
-
Power supply (-2.0V typ.)
D0+
109
O
Low-speed Differential Parallel Data (true)
D0-
110
O
Low-speed Differential Parallel Data (complement)
VTT
111
-
Power supply (-2.0V typ.)
CLK16+
112
O
Low-speed clock f = 155.52 MHz (true)
CLK16-
113
O
Low-speed clock f = 155.52 MHz (complement)
VTT
114
-
Power supply (-2.0V typ.)
Signal Name
Pin #
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com