Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8162 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8162
Description  2.488 Gbit/sec SONET/SDH 1:16 Demux with Clock Recovery
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8162 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8162 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8162 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 1
9/14/98
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC8162
2.488 Gbit/sec SONET/SDH
1:16 Demux with Clock Recovery
G52209-0, Rev. 2.0
Features
General Description
The VSC8162 combines a clock recovery unit (CRU) with a 1:16 demultiplexer on a single chip to directly
generate 16-bit wide data from an incoming 2.488Gb/s NRZ data stream. An on-chip Phase Locked Loop (PLL)
generates a 2.488GHz clock which remains phase locked to the incoming data. The incoming data is retimed
and demultiplexed to a 16-bit word. A Loss of Lock (LOL) signal indicates gross conditions where incoming
data no longer has sufficient transitions to keep the CRU in lock.
VSC8162 Functional Block DIagram
• 2.488Gb/s 1:16 Demux with Integrated Clock and
Data Recovery
• Recovered Clock and Data Available
• Monolithic Phase Locked Loop
• Digitally Adjustable Serial Data Sampling Point
• Differential Low Speed Outputs
• Differential/Single-ended Reference Clock
• Loss of Lock Detection
• Meets SONET OC-48 and SDH STM-16 Jitter
Tolerance Requirements
RTDO+
RTDO–
D0+
D0–
D15+
D15–
PARITY+
PARITY–
CLK16+
CLK16–
CLKO+
CLKO–
DI+
DI–
REFCK+
REFCK–
PADJ[4:0]
DINVERT
LOL
NOREF
Clock
Recovery
Data
Retime
Divide
by 16
5


Similar Part No. - VSC8162

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8163QR VITESSE-VSC8163QR Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8164 VITESSE-VSC8164 Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
VSC8164QR VITESSE-VSC8164QR Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
More results

Similar Description - VSC8162

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3880 MAXIM-MAX3880 Datasheet
194Kb / 12P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/99
logo
Vitesse Semiconductor C...
SC8164 VITESSE-SC8164 Datasheet
153Kb / 16P
2.488 Gbit/sec to 2.7Gbit/sec 1:16 SONET/SDH Demux
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC8114 VITESSE-VSC8114 Datasheet
434Kb / 24P
ATM/SONET/SDH 622 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
VSC8163 VITESSE-VSC8163 Datasheet
191Kb / 20P
OC-48 16:1 SONET/SDH MUX with Clock Generator
VSC8132 VITESSE-VSC8132 Datasheet
121Kb / 14P
2.488Gb/s 1:32 SONET/SDH Demux
logo
Maxim Integrated Produc...
MAX3881 MAXIM-MAX3881 Datasheet
193Kb / 11P
3.3V, 2.488Gbps, SDH/SONET 1:16 Deserializer with Clock Recovery
Rev 1; 12/01
logo
Vitesse Semiconductor C...
VSC8131 VITESSE-VSC8131 Datasheet
149Kb / 16P
2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
VSC8166 VITESSE-VSC8166 Datasheet
171Kb / 16P
2.488 Gbit/sec 1:16 SONET/SDH Demux with Clock Recovery
logo
Exar Corporation
XRT91L80 EXAR-XRT91L80 Datasheet
271Kb / 41P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com