Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFS Datasheet(PDF) 3 Page - jb Capacitors Company

Part # JFS
Description  Motor Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFS Datasheet(HTML) 3 Page - jb Capacitors Company

  JFS_16 Datasheet HTML 1Page - jb Capacitors Company JFS_16 Datasheet HTML 2Page - jb Capacitors Company JFS_16 Datasheet HTML 3Page - jb Capacitors Company JFS_16 Datasheet HTML 4Page - jb Capacitors Company JFS_16 Datasheet HTML 5Page - jb Capacitors Company JFS_16 Datasheet HTML 6Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dimensions For Motor Running Capacitors CBB61
(mm)
CAP
JFS-C,JFS-5,JFS-9
JFS-B,JFS-D,JFS-6,JFS-7
250VAC
450VAC
250VAC
450VAC
uF
L
T
H
L
T
H
L
T
H
L
T
H
0.5
26.5
12.5
21
26.5
12.5
21
26.5
12
20
25.5
12
20
1
26.5
12.5
21
32
14
24
26.5
12
20
32
14
25
2
32
14
24
37
17
28
32
14
25
37
17
28
2.5
32
14
24
37
17
28
32
14
25
37
17
28
3
32
14
24
38
20
30
32
14
25
38
20
30
5
37
17
28
47
20
34
37
17
28
47
20
34
6
37
17
28
47
23
34
37
17
28
47
23
34
8
47
17.5
33
47
28
34
47
18
32
47
28
34
10
47
17.5
33
47
32
40
47
18
32
47
30
40
12
47
23
34
47
32
43
47
23
34
--
--
--
15
47
25
34
--
--
--
47
25
34
--
--
--
20
47
28
37
--
--
--
47
28
37
--
--
--
Dimensions For Motor Running Capacitors CBB60
(mm)
CAP
JFS-11
JFS-12
JFS-13
JFS-14
250VAC
450VAC
250VAC
450VAC
250VAC
450VAC
250VAC
450VAC
uF
D
H
D
H
D
H
D
H
D
H
D
H
D
H
D
H
1
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
1.5
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
2
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
2.5
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
3
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
3.5
--
--
--
--
--
--
--
--
30
57
30
57
--
--
--
--
4
30
53
30
53
30
50
30
50
30
57
30
57
30
50
30
50
4.5
--
--
--
--
--
--
--
--
30
57
30
57
--
--
--
--
5
30
53
30
63
30
50
30
60
30
57
35
65
30
50
30
60
6
30
53
30
63
30
50
30
60
30
57
35
65
30
50
30
60
6.3
--
--
--
--
--
--
--
--
30
57
35
65
--
--
--
--
7
30
53
35
63
30
50
35
60
30
57
35
65
30
50
35
60
8
30
53
35
63
30
50
35
60
30
57
35
65
30
50
35
60
9
--
--
--
--
--
--
--
--
30
57
35
65
--
--
--
--
10
30
63
35
73
30
60
35
70
30
57
35
65
30
60
35
70
12
30
63
35
73
30
60
35
70
35
65
40
70
30
60
35
70
12.5
--
--
--
--
--
--
--
--
35
65
40
70
--
--
--
--
14
35
63
40
73
35
60
40
70
35
65
40
70
35
60
40
70
15
--
--
--
--
35
60
40
70
35
65
40
70
--
--
--
--
16
35
63
40
73
35
60
40
70
35
65
40
70
35
60
40
70
18
35
63
45
73
35
60
45
70
35
65
40
70
35
60
45
70
20
35
73
45
73
35
70
45
70
40
70
40
95
35
70
45
70
22
35
73
45
73
35
70
45
70
40
70
40
95
35
70
45
70
24
40
73
40
96
40
70
40
93
40
70
40
95
40
70
40
93
25
40
73
40
96
40
70
40
93
40
70
40
95
40
70
40
93
30
40
73
45
96
40
70
45
93
40
70
45
95
40
70
45
93
35
40
73
45
96
45
70
45
93
40
95
45
95
45
70
45
93
40
40
73
50
95
45
70
50
92
40
95
50
105
45
70
50
92
45
40
96
50
95
40
93
50
92
40
95
50
105
40
93
50
92
50
40
96
50
103
40
93
50
100
40
95
50
105
40
93
50
100
55
45
96
50
123
45
93
50
120
45
95
50
116
45
93
50
120
60
45
96
50
123
45
93
50
120
45
95
50
116
45
93
50
120
70
50
95
55
123
50
92
55
120
50
106
55
120
50
92
55
120
80
50
95
55
123
50
92
55
120
50
106
55
120
50
92
55
120
85
50
95
60
123
50
92
60
120
50
106
60
120
50
92
60
120
90
--
--
--
--
--
--
--
--
50
106
60
120
--
--
--
--
100
50
103
60
123
50
100
60
120
50
106
60
120
50
100
60
120
Part number code for Pitch from type ( JFS-10 ~ JFS-26) : 000
JFS 13 A3 107 J 000 000 B ( Example: JFS-13 100uF 250VAC +/-5% )
Please visit our website to get more update data, those data & specification are subject to change without notice.
Motor Capacitor – JFS
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com