Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFS Datasheet(PDF) 4 Page - jb Capacitors Company

Part # JFS
Description  Motor Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFS Datasheet(HTML) 4 Page - jb Capacitors Company

  JFS_16 Datasheet HTML 1Page - jb Capacitors Company JFS_16 Datasheet HTML 2Page - jb Capacitors Company JFS_16 Datasheet HTML 3Page - jb Capacitors Company JFS_16 Datasheet HTML 4Page - jb Capacitors Company JFS_16 Datasheet HTML 5Page - jb Capacitors Company JFS_16 Datasheet HTML 6Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dimensions For Motor Running Capacitors CBB60
(mm)
CAP
JFS-15
JFS-16
JFS-17
JFS-18
250VAC
450VAC
250VAC
450VAC
250VAC
450VAC
250VAC
450VAC
uF
D
H
D
H
D
H
D
H
D
H
D
H
D
H
D
H
1
30
57
30
57
30
60
30
60
30
60
30
60
30
53
30
53
1.5
30
57
30
57
30
60
30
60
30
60
30
60
30
53
30
53
2
30
57
30
57
30
60
30
60
30
60
30
60
30
53
30
53
2.5
30
57
30
57
30
60
30
60
30
60
30
60
30
53
30
53
3
30
57
30
57
30
60
30
60
30
60
30
60
30
53
30
53
4
30
57
30
57
30
60
30
60
30
60
30
60
30
53
30
53
4.5
--
--
--
--
--
--
--
--
30
60
30
60
--
--
--
--
5
30
57
35
65
30
60
30
60
30
60
30
60
30
53
30
63
6
30
57
35
65
30
60
30
60
30
60
30
60
30
53
30
63
6.3
30
57
35
65
--
--
--
--
--
--
--
--
--
--
--
--
7
30
57
35
65
30
60
35
63
30
60
35
68
30
53
35
63
8
30
57
35
65
30
60
35
63
30
60
35
68
30
53
35
63
10
30
57
35
65
30
60
40
73
30
60
40
73
30
53
35
73
12
30
57
40
70
30
60
40
73
30
60
40
73
30
53
35
73
14
35
60
40
70
35
63
40
73
35
63
40
73
35
63
40
73
15
35
60
40
70
--
--
--
--
--
--
--
--
35
63
40
73
16
35
60
40
70
35
63
40
73
35
63
40
73
35
63
40
73
18
35
60
40
70
35
63
40
98
35
63
40
73
35
63
45
73
20
40
70
40
95
40
73
40
98
40
73
40
98
35
73
45
73
22
40
70
40
95
40
73
40
98
40
73
40
98
35
73
45
73
24
40
70
40
95
40
73
40
98
40
73
40
98
40
73
40
96
25
40
70
40
95
40
73
40
98
40
73
40
98
40
73
40
96
30
40
70
45
95
40
73
45
98
40
73
45
98
40
73
45
96
35
40
95
45
95
40
98
45
98
40
98
45
98
45
73
45
96
40
40
95
50
105
40
98
50
109
40
98
50
109
45
73
50
95
45
40
95
50
105
40
98
50
109
40
98
50
109
40
96
50
95
50
40
95
50
105
40
98
50
109
40
98
50
109
40
96
50
103
55
45
95
50
116
45
98
50
109
45
98
50
119
45
96
50
123
60
50
106
50
116
45
98
50
109
45
98
50
119
45
96
50
123
70
50
106
55
120
50
109
55
123
50
109
55
123
50
95
55
123
80
50
106
55
120
50
109
60
123
50
109
60
123
50
95
55
123
85
50
106
60
120
50
109
60
123
50
109
60
123
50
95
60
123
100
50
106
60
120
50
109
60
123
50
109
60
123
50
103
60
123
Part number code for Pitch from type ( JFS-10 ~ JFS-26) : 000
JFS 13 A3 107 J 000 000 B ( Example: JFS-13 100uF 250VAC +/-5% )
Please visit our website to get more update data, those data & specification are subject to change without notice.
Motor Capacitor – JFS
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com