Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFS Datasheet(PDF) 6 Page - jb Capacitors Company

Part # JFS
Description  Motor Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFS Datasheet(HTML) 6 Page - jb Capacitors Company

  JFS_16 Datasheet HTML 1Page - jb Capacitors Company JFS_16 Datasheet HTML 2Page - jb Capacitors Company JFS_16 Datasheet HTML 3Page - jb Capacitors Company JFS_16 Datasheet HTML 4Page - jb Capacitors Company JFS_16 Datasheet HTML 5Page - jb Capacitors Company JFS_16 Datasheet HTML 6Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dimensions For Motor Running Capacitors CBB65
(mm)
CAP
JFS-22
JFS-23
JFS-24
CAP
JFS-25,26
370VAC
450VAC
370VAC
450VAC
370VAC
450VAC
450VAC
uF
D
H
D
H
D
H
D
H
D
H
D
H
uF
D
H
2
40
55
40
55
40
55
40
55
40
55
40
55
20+1.5
50
85
3
40
55
40
55
40
55
40
55
40
55
40
55
20+5
50
85
4
40
55
40
55
40
55
40
55
40
55
40
55
25+1.5
50
95
5
40
55
40
55
40
55
40
55
40
55
40
55
25+3
50
95
6
40
55
40
55
40
55
40
55
40
55
40
55
25+5
50
95
7.5
40
55
40
55
40
55
40
55
40
55
40
55
30+2
50
95
8
40
55
40
55
40
55
40
55
40
55
40
55
30+5
50
95
10
40
55
40
65
40
55
40
65
40
55
40
65
30+7.5
50
100
12.5
40
65
40
65
40
65
40
65
40
65
40
65
35+2
50
100
14
40
65
40
75
40
65
40
75
40
65
40
75
35+5
50
110
15
40
65
40
75
40
65
40
75
40
65
40
75
40+5
50
120
16
40
75
40
75
40
75
40
75
40
75
40
75
40+7.5
50
125
17
40
75
40
75
40
75
40
75
40
75
40
75
45+5
50
120
18
40
75
40
75
40
75
40
75
40
75
40
75
45+7.5
50
125
20
45
75
45
75
45
75
45
75
45
75
45
75
50+5
50
130
25
45
75
50
75
45
75
50
75
45
75
50
75
50+7.5
55
125
30
50
75
50
75
50
75
50
75
50
75
50
75
55+5
55
120
35
50
85
50
85
50
85
50
85
50
85
50
85
55+6
55
120
40
50
85
50
100
50
85
50
100
50
85
50
100
55+7.5
55
125
45
50
100
50
100
50
100
50
100
50
100
50
100
60+5
60
120
50
50
100
50
110
50
100
50
110
50
100
50
110
60+6
60
120
55
50
110
50
125
50
110
50
125
50
110
50
125
60+7.5
60
125
60
50
125
50
125
50
125
50
125
50
125
50
125
65+5
60
120
65
50
125
55
125
50
125
55
125
50
125
55
125
70+5
60
120
70
50
125
55
125
50
125
55
125
50
125
55
125
80+5
60
130
80
55
125
60
125
55
125
60
125
55
125
60
125
-
-
-
100
60
125
60
140
60
125
60
140
60
125
60
140
-
-
-
Part number code for Pitch from type ( JFS-10 ~ JFS-26) : 000
JFS 13 A3 107 J 000 000 B ( Example: JFS-13 100uF 250VAC +/-5% )
Please visit our website to get more update data, those data & specification are subject to change without notice.
Motor Capacitor – JFS
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com