Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JFS Datasheet(PDF) 5 Page - jb Capacitors Company

Part # JFS
Description  Motor Capacitor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JFS Datasheet(HTML) 5 Page - jb Capacitors Company

  JFS_16 Datasheet HTML 1Page - jb Capacitors Company JFS_16 Datasheet HTML 2Page - jb Capacitors Company JFS_16 Datasheet HTML 3Page - jb Capacitors Company JFS_16 Datasheet HTML 4Page - jb Capacitors Company JFS_16 Datasheet HTML 5Page - jb Capacitors Company JFS_16 Datasheet HTML 6Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
JFS-22
JFS-23
JFS-24
JFS-25
JFS-26
Motor Capacitor – JFS
FEATURES
Ø
Low D.F. (dissipation factor), good self-healing character
Ø
High I.R. (insulation resistance)
Ø
High safety & high reliability
Ø
Anti-Striking current, strong over-carrier capacity
SPECIFICATIONS
Operating Condition
-40℃~+85℃
Capacitance Range
2uF~100uF(JFS-22~26)
Capacitance Tolerance
J(±5%)、K(±10%)
Rated Voltage
370V 450V (AC)
Dissipation Factor
≤0.004 100Hz(JFS-22~26)
Withstand Voltage Between Terminals : 2Un, 2s
Withstand Voltage Between Terminal And Case: 2.2KV, 2s
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com