Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534IPW
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8534IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8534IPW Datasheet HTML 3Page - Texas Instruments DAC8534IPW Datasheet HTML 4Page - Texas Instruments DAC8534IPW Datasheet HTML 5Page - Texas Instruments DAC8534IPW Datasheet HTML 6Page - Texas Instruments DAC8534IPW Datasheet HTML 7Page - Texas Instruments DAC8534IPW Datasheet HTML 8Page - Texas Instruments DAC8534IPW Datasheet HTML 9Page - Texas Instruments DAC8534IPW Datasheet HTML 10Page - Texas Instruments DAC8534IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
DAC8534
SBAS254D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, unless otherwise noted.
0.150
0.125
0.100
0.075
0.050
0.025
0.000
SINK CURRENT CAPABILITY (ALL CHANNELS)
012
3
4
5
I
SINK (mA)
AV
DD = 5V
V
REF = AVDD – 10mV
DAC loaded with 0000
H
AV
DD = 2.7V
V
REF = AVDD – 10mV
DAC Loaded with FFFFH
AV
DD = 5V
5.00
4.95
4.90
4.85
4.80
SOURCE CURRENT CAPABILITY (ALL CHANNELS)
0
1
23
45
I
SOURCE (mA)
V
REF = AVDD – 10mV
DAC Loaded with FFFFH
AV
DD = 2.7V
2.70
2.65
2.60
2.55
2.50
SOURCE CURRENT CAPABILITY (ALL CHANNELS)
0
1
23
45
I
SOURCE (mA)
AV
DD = VREF = 5V
SUPPLY CURRENT vs DIGITAL INPUT CODE
1200
1000
800
600
400
200
0
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
AV
DD = VREF = 2.7V
AV
DD = VREF = 5V
AV
DD = VREF = 2.7V
Reference Current Included
All Channels Powered, No Load.
1200
1000
800
600
400
200
0
SUPPLY CURRENT vs TEMPERATURE
–40
–10
20
50
80
110
Temperature (
°C)
1000
950
900
850
800
750
700
650
600
2.7
3.05
3.4
3.75
4.1
4.45
4.8
5.15
5.5
AV
DD (V)
SUPPLY CURRENT vs SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com