Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534IPW Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534IPW
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8534IPW Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC8534IPW Datasheet HTML 10Page - Texas Instruments DAC8534IPW Datasheet HTML 11Page - Texas Instruments DAC8534IPW Datasheet HTML 12Page - Texas Instruments DAC8534IPW Datasheet HTML 13Page - Texas Instruments DAC8534IPW Datasheet HTML 14Page - Texas Instruments DAC8534IPW Datasheet HTML 15Page - Texas Instruments DAC8534IPW Datasheet HTML 16Page - Texas Instruments DAC8534IPW Datasheet HTML 17Page - Texas Instruments DAC8534IPW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DAC8534
14
SBAS254D
www.ti.com
OPERATION EXAMPLES
Example 1: Write to Data Buffer A; Through Buffer D; Load DAC A Through DAC D Simultaneously
•
1st—Write to Data Buffer A:
•
2nd—Write to Data Buffer B:
A1
A0
LD1
LD0
DC
DAC Sel 1
DAC Sel 0
PD0
DB15
......
DB1
DB0
0000
X
000
D15
.....
D1
D0
A1
A0
LD1
LD0
DC
DAC Sel 1
DAC Sel 0
PD0
DB15
......
DB1
DB0
0000
X
010
D15
.....
D1
D0
•
2nd—Write to Data Buffer B and Load DAC B: DAC B output settles to specified value upon completion:
A1
A0
LD1
LD0
DC
DAC Sel 1
DAC Sel 0
PD0
DB15
......
DB1
DB0
0001
X
000
D15
.....
D1
D0
•
3rd—Write to Data Buffer C and Load DAC C: DAC C output settles to specified value upon completion:
•
4th—Write to Data Buffer D and Load DAC D: DAC D output settles to specified value upon completion:
After completion of each write cycle, DAC analog output settles to the voltage specified.
Example 3: Power-Down DAC A and DAC B to 1k
Ω and Power-Down DAC C and DAC D to 100kΩ Simultaneously
•
Write power-down command to Data Buffer A: DAC A to 1k
Ω.
The DAC A, DAC B, DAC C, and DAC D analog outputs simultaneously settle to the specified values upon completion of the
4th write sequence. (The “Load” command moves the digital data from the data buffer to the DAC register at which time the
conversion takes place and the analog output is updated. “Completion” occurs on the 24th falling SCLK edge after SYNC LOW.)
Example 2: Load New Data to DAC A Through DAC D Sequentially
•
1st—Write to Data Buffer A and Load DAC A: DAC A output settles to specified value upon completion:
•
3rd—Write to Data Buffer C:
A1
A0
LD1
LD0
DC
DAC Sel 1
DAC Sel 0
PD0
DB15
......
DB1
DB0
0000
X
100
D15
.....
D1
D0
A1
A0
LD1
LD0
DC
DAC Sel 1
DAC Sel 0
PD0
DB15
......
DB1
DB0
0001
X
010
D15
.....
D1
D0
A1
A0
LD1
LD0
DC
DAC Sel 1
DAC Sel 0
PD0
DB15
......
DB1
DB0
0001
X
100
D15
.....
D1
D0
A1
A0
LD1
LD0
DC
DAC Sel 1
DAC Sel 0
PD0
DB15
......
DB1
DB0
0001
X
110
D15
.....
D1
D0
A1
A0
LD1
LD0
DC
DAC Sel 1
DAC Sel 0
PD0
DB15
DB14
DB13
........
0000
X
0010
1
X
........
•
4th—Write to Data Buffer D and simultaneously update all DACs:
A1
A0
LD1
LD0
DC
DAC Sel 1
DAC Sel 0
PD0
DB15
......
DB1
DB0
0010
X
110
D15
.....
D1
D0
Resistor
String DAC
Amplifier
Power-down
Circuitry
Resistor
Network
V
OUTX
FIGURE 5. Output Stage During Power-Down (High-Impedance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com