Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534IPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534IPW
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8534IPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8534IPW Datasheet HTML 7Page - Texas Instruments DAC8534IPW Datasheet HTML 8Page - Texas Instruments DAC8534IPW Datasheet HTML 9Page - Texas Instruments DAC8534IPW Datasheet HTML 10Page - Texas Instruments DAC8534IPW Datasheet HTML 11Page - Texas Instruments DAC8534IPW Datasheet HTML 12Page - Texas Instruments DAC8534IPW Datasheet HTML 13Page - Texas Instruments DAC8534IPW Datasheet HTML 14Page - Texas Instruments DAC8534IPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
DAC8534
SBAS254D
www.ti.com
The write sequence begins by bringing the SYNC line LOW.
Data from the DIN line is clocked into the 24-bit shift register on
each falling edge of SCLK. The serial clock frequency can be
as high as 30MHz, making the DAC8534 compatible with high-
speed DSPs. On the 24th falling edge of the serial clock, the
last data bit is clocked into the shift register and the shift
register gets locked. Further clocking does not change the shift
register data. Once 24 bits are locked into the shift register, the
8MSBs are used as control bits and the 16LSBs are used as
data. After receiving the 24th falling clock edge, DAC8534
decodes the 8 control bits and 16 data bits to perform the
required function, without waiting for a SYNC rising edge. A
new SPI sequence starts at the next falling edge of SYNC. A
rising edge of SYNC before the 24-bit sequence is complete
resets the SPI interface; no data transfer occurs.
At this point, the SYNC line may be kept LOW or brought HIGH.
In either case, the minimum delay time from the 24th falling
SCLK edge to the next falling SYNC edge must be met in order
to properly begin the next cycle. To assure the lowest power
consumption of the device, care should be taken that the digital
input levels are as close to each rail as possible. (Please refer
to the “Typical Characteristics” section for the “Supply Current
vs Logic Input Voltage” transfer characteristic curve.)
IOVDD AND VOLTAGE TRANSLATORS
The IOVDD pin powers the digital input structures of the
DAC8534. For single-supply operation, it could be tied to AVDD.
For dual-supply operation, the IOVDD pin provides interface
flexibility with various CMOS logic families and it should be
connected to the logic supply of the system. Analog circuits and
internal logic of the DAC8534 use AVDD as the supply voltage.
The external logic high inputs get translated to AVDD by level
shifters. These level shifters use the IOVDD voltage as a
THEORY OF OPERATION
DAC SECTION
The architecture of each channel of the DAC8534 consists of
a resistor-string DAC followed by an output buffer amplifier.
Figure 1 shows a simplified block diagram of the DAC
architecture.
The input coding for each device is unipolar straight binary,
so the ideal output voltage is given by:
V
X
V
L
VH
VL
D
OUT
REF
REF
REF
IN
=+
−
••
2
65536
()
where D = decimal equivalent of the binary code that is
loaded to the DAC register; it can range from 0 to 65535.
VOUTX refers to channel A or through D.
RESISTOR STRING
The resistor string section is shown in Figure 2. It is simply
a divide-by-2 resistor followed by a string of resistors. The
code loaded into the DAC register determines at which node
on the string the voltage is tapped off. This voltage is then
applied to the output amplifier by closing one of the switches
connecting the string to the amplifier.
OUTPUT AMPLIFIER
Each output buffer amplifier is capable of generating rail-to-
rail voltages on its output which approaches an output range
of 0V to AVDD (gain and offset errors must be taken into
account). Each buffer is capable of driving a load of 2k
Ω in
parallel with 1000pF to GND. The source and sink capabili-
ties of the output amplifier can be seen in the typical charac-
teristics.
SERIAL INTERFACE
The DAC8534 uses a 3-wire serial interface (SYNC, SCLK,
and DIN), which is compatible with SPI™, QSPI™, and
Microwire™ interface standards, as well as most DSPs. See
the Serial Write Operation timing diagram for an example of
a typical write sequence.
FIGURE 1. DAC8534 Architecture.
To Output
Amplifier
(2x Gain)
R
R
R
R
V
REF
2
V
REFH
R
DIVIDER
V
REFL
FIGURE 2. Resistor String.
DAC Register
REF (+)
Resistor String
REF(–)
V
REFH
V
REFL
V
OUT
50k
Ω
50k
Ω
70k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com