Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534IPW Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534IPW
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8534IPW Datasheet(HTML) 12 Page - Texas Instruments

Back Button DAC8534IPW Datasheet HTML 8Page - Texas Instruments DAC8534IPW Datasheet HTML 9Page - Texas Instruments DAC8534IPW Datasheet HTML 10Page - Texas Instruments DAC8534IPW Datasheet HTML 11Page - Texas Instruments DAC8534IPW Datasheet HTML 12Page - Texas Instruments DAC8534IPW Datasheet HTML 13Page - Texas Instruments DAC8534IPW Datasheet HTML 14Page - Texas Instruments DAC8534IPW Datasheet HTML 15Page - Texas Instruments DAC8534IPW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
DAC8534
12
SBAS254D
www.ti.com
A1
A0
LD1
LD0
X
DAC Select 1 DAC Select 0
PD0
D15
D14
D13
D12
D11
D10
D9D8D7
D6D5D4D3
D2D1
D0
DB11
DB0
FIGURE 3. DAC8534 Data Input Register Format.
DB23
DB12
reference to shift the incoming logic HIGH levels to AVDD.
IOVDD is ensured to operate from 2.7V to 5.5V regardless of
the AVDD voltage, which ensures compatibility with various
logic families. Although specified down to 2.7V, IOVDD will
operate at as low as 1.8V with degraded timing and tempera-
ture performance. For lowest power consumption, logic VIH
levels should be as close as possible to IOVDD, and logic VIL
levels should be as close as possible to GND voltages.
INPUT SHIFT REGISTER
The input shift register (SR) of the DAC8534 is 24 bits wide, as
shown in Figure 3, and is made up of 8 control bits (DB16-DB23)
and 16 data bits (DB0-DB15). The first two control bits (DB22
and DB23) are the address match bits. The DAC8534 offers
additional hardware-enabled addressing capability allowing a
single host to talk to up to four DAC8534s through a single SPI
bus without any glue logic, enabling up to 16-channel operation.
The state of DB23 should match the state of pin A1; similarly, the
state of DB22 should match the state of pin A0. If there is no
match, the control command and the data (DB21...DB0) are
ignored by the DAC8534. That is, if there is no match, the
DAC8534 is not addressed. Address matching can be overrid-
den by the broadcast update, as will be explained.
LD 1 (DB20) and LD 0 (DB21) control the updating of each
analog output with the specified 16-bit data value or power-
down command. Bit DB19 is a “Don’t Care” bit which does not
affect the operation of the DAC8534 and can be 1 or 0. The
DAC Channel Select Bits (DB17, DB18) control the destination
of the data (or power-down command) from DAC A through
DAC D. The final control bit, PD0 (DB16), selects the power-
down mode of the DAC8534 channels.
The DAC8534 also supports a number of different load com-
mands. The load commands include broadcast commands to
address all the DAC8534s on an SPI bus. The load commands
can be summarized as follows:
DB21 = 0 and DB20 = 0: Single-channel store. The temporary
register (data buffer) corresponding to a DAC selected by
DB18 and DB17 is updated with the contents of SR data (or
power-down).
DB21 = 0 and DB20 = 1: Single-channel update. The tempo-
rary register and DAC register corresponding to a DAC se-
lected by DB18 and DB17 are updated with the contents of SR
data (or power-down).
DB21 = 1 and DB20 = 0: Simultaneous update. A channel
selected by DB18 and DB17 gets updated with the SR data,
and simultaneously, all the other channels get updated with
previous stored data (or power-down).
DB21 = 1 and DB20 = 1: Broadcast update. All the DAC8534s
on the SPI bus respond, regardless of address matching. If
DB18 = 0, then SR data gets ignored, all channels from all
DAC8534s get updated with previously stored data (or power-
down). If DB18 = 1, then SR data (or power-down) updates all
channels of all DAC8534s in the system. This broadcast update
feature allows the simultaneous update of up to 16 channels.
Power-down/data selection is as follows:
DB16 is a power-down flag. If this flag is set, then DB15 and
DB14 select one of the four power-down modes of the device
as described in Table I. If DB16 = 1, DB15 and DB14 no longer
represent the two MSBs of data, they represent a power-down
condition described in Table I. Similar to data, power-down
conditions can be stored at the temporary registers of each
DAC. It is possible to update DACs simultaneously either with
data, power-down, or a combination of both.
Please refer to Table II for more information.
PD0 (DB16) PD1 (DB15) PD2 (DB14)
OPERATING MODE
1
0
0
Output High Impedance
1
0
1
Output Typically 1k
Ω to GND
1
1
0
Output Typically 100k
Ω to GND
1
1
1
Output High Impedance
TABLE I. DAC8534 Power-Down Modes.
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept LOW for
at least 24 falling edges of SCLK and the addressed DAC
register is updated on the 24th falling edge. However, if
SYNC is brought HIGH before the 24th falling edge, it acts
as an interrupt to the write sequence; the shift register is
reset and the write sequence is discarded. Neither an update
of the data buffer contents, DAC register contents, nor a
change in the operating mode occurs (see Figure 4).
POWER-ON RESET
The DAC8534 contains a power-on reset circuit that con-
trols the output voltage during power-up. On power-up, the
DAC registers are filled with zeros and the output voltages
are set to zero-scale; they remain there until a valid write
sequence and load command is made to the respective
DAC channel. This is useful in applications where it is
important to know the state of the output of each DAC
output while the device is in the process of powering up. No
device pin should be brought high before power is applied
to the device.
POWER-DOWN MODES
The DAC8534 utilizes four modes of operation. These modes
are accessed by setting three bits (PD2, PD1, and PD0) in
the shift register and performing a “Load” action to the DACs.
The DAC8534 offers a very flexible power-down interface
based on channel register operation. A channel consists of a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com