Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF442 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF442
Description  Dual Low Power JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF442 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LF442 Datasheet HTML 1Page - National Semiconductor (TI) LF442 Datasheet HTML 2Page - National Semiconductor (TI) LF442 Datasheet HTML 3Page - National Semiconductor (TI) LF442 Datasheet HTML 4Page - National Semiconductor (TI) LF442 Datasheet HTML 5Page - National Semiconductor (TI) LF442 Datasheet HTML 6Page - National Semiconductor (TI) LF442 Datasheet HTML 7Page - National Semiconductor (TI) LF442 Datasheet HTML 8Page - National Semiconductor (TI) LF442 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AC Electrical Characteristics (Note 7) (Continued)
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
Note 3: Any of the amplifier outputs can be shorted to ground indefinitely, however, more than one should not be simultaneously shorted as the maximum junction
temperature will be exceeded.
Note 4: The value given is in 400 linear feet/min air flow.
Note 5: The value given is in static air.
Note 6: These devices are available in both the commercial temperature range 0˚C
≤ TA ≤ 70˚C and the military temperature range −55˚C ≤ TA ≤ 125˚C. The tem-
perature range is designated by the position just before the package type in the device number. A “C” indicates the commercial temperature range and an “M” indi-
cates the military temperature range. The military temperature range is available in “H” package only.
Note 7: Unless otherwise specified, the specifications apply over the full temperature range and for VS = ±20V for the LF442A and for VS = ±15V for the LF442.
VOS,IB, and IOS are measured at VCM = 0.
Note 8: The input bias currents are junction leakage currents which approximately double for every 10˚C increase in the junction temperature, Tj. Due to limited pro-
duction test time, the input bias currents measured are correlated to junction temperature. In normal operation the junction temperature rises above the ambient tem-
perature as a result of internal power dissipation, PD.Tj = TA + θjAPD where θjA is the thermal resistance from junction to ambient. Use of a heat sink is recommended
if input bias current is to be kept to a minimum.
Note 9: Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with common practice from
±15V to ±5V for the LF442 and ±20V to ±5V for the LF442A.
Note 10: Refer to RETS442X for LF442MH military specifications.
Typical Performance Characteristics
Input Bias Current
DS009155-17
Input Bias Current
DS009155-18
Supply Current
DS009155-19
Positive Common-Mode
Input Voltage Limit
DS009155-20
Negative Common-Mode
Input Voltage Limit
DS009155-21
Positive Current Limit
DS009155-22
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com