Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF442 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF442
Description  Dual Low Power JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF442 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LF442 Datasheet HTML 2Page - National Semiconductor (TI) LF442 Datasheet HTML 3Page - National Semiconductor (TI) LF442 Datasheet HTML 4Page - National Semiconductor (TI) LF442 Datasheet HTML 5Page - National Semiconductor (TI) LF442 Datasheet HTML 6Page - National Semiconductor (TI) LF442 Datasheet HTML 7Page - National Semiconductor (TI) LF442 Datasheet HTML 8Page - National Semiconductor (TI) LF442 Datasheet HTML 9Page - National Semiconductor (TI) LF442 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Pulse Response R
L = 10 kΩ,CL = 10 pF (Continued)
Application Hints
This device is a dual low power op amp with internally
trimmed input offset voltages and JFET input devices
(BI-FET II). These JFETs have large reverse breakdown volt-
ages from gate to source and drain eliminating the need for
clamps across the inputs. Therefore, large differential input
voltages can easily be accommodated without a large in-
crease in input current. The maximum differential input volt-
age is independent of the supply voltages. However, neither
of the input voltages should be allowed to exceed the nega-
tive supply as this will cause large currents to flow which can
result in a destroyed unit.
Exceeding the negative common-mode limit on either input
will force the output to a high state, potentially causing a re-
versal of phase to the output. Exceeding the negative
common-mode limit on both inputs will force the amplifier
output to a high state. In neither case does a latch occur
since raising the input back within the common-mode range
again puts the input stage and thus the amplifier in a normal
operating mode.
Exceeding the positive common-mode limit on a single input
will not change the phase of the output; however, if both in-
puts exceed the limit, the output of the amplifier will be forced
to a high state.
The amplifiers will operate with a common-mode input volt-
age equal to the positive supply; however, the gain band-
width and slew rate may be decreased in this condition.
When the negative common-mode voltage swings to within
3V of the negative supply, an increase in input offset voltage
may occur.
Each amplifier is individually biased to allow normal circuit
operation with power supplies of ±3.0V. Supply voltages less
than these may degrade the common-mode rejection and re-
strict the output voltage swing.
The amplifiers will drive a 10 k
Ω load resistance to ± 10V
over the full temperature range.
Precautions should be taken to ensure that the power supply
for the integrated circuit never becomes reversed in polarity
or that the unit is not inadvertently installed backwards in a
socket as an unlimited current surge through the resulting
forward diode within the IC could cause fusing of the internal
conductors and result in a destroyed unit.
As with most amplifiers, care should be taken with lead
dress, component placement and supply decoupling in order
to ensure stability. For example, resistors from the output to
an input should be placed with the body close to the input to
minimize “pick-up” and maximize the frequency of the feed-
back pole by minimizing the capacitance from the input to
ground.
A feedback pole is created when the feedback around any
amplifier is resistive. The parallel resistance and capacitance
from the input of the device (usually the inverting input) to AC
ground set the frequency of the pole. In many instances the
frequency of this pole is much greater than the expected 3
dB frequency of the closed loop gain and consequenty there
is negligible effect on stability margin. However, if the feed-
back pole is less than approximately 6 times the expected 3
dB frequency a lead capacitor should be placed from the out-
put to the input of the op amp. The value of the added ca-
pacitor should be such that the RC time constant of this ca-
pacitor and the resistance it parallels is greater than or equal
to the original feedback pole time constant.
Large Signal Inverting
DS009155-9
Large Signal Non-Inverting
DS009155-10
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com