Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF442 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF442
Description  Dual Low Power JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF442 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF442 Datasheet HTML 1Page - National Semiconductor (TI) LF442 Datasheet HTML 2Page - National Semiconductor (TI) LF442 Datasheet HTML 3Page - National Semiconductor (TI) LF442 Datasheet HTML 4Page - National Semiconductor (TI) LF442 Datasheet HTML 5Page - National Semiconductor (TI) LF442 Datasheet HTML 6Page - National Semiconductor (TI) LF442 Datasheet HTML 7Page - National Semiconductor (TI) LF442 Datasheet HTML 8Page - National Semiconductor (TI) LF442 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LF442A
LF442
Supply Voltage
±22V
±18V
Differential Input Voltage
±38V
±30V
Input Voltage Range
±19V
±15V
(Note 2)
Output Short Circuit
Continuous
Continuous
Duration (Note 3)
H Package
N Package
T
j max
150˚C
115˚C
H Package
N Package
θ
JA (Typical)
(Note 4)
(Note 5)
65˚C/W
165˚C/W
114˚C/W
152˚C/W
θ
JC (Typical)
21˚C/W
Operating Temperature
(Note 5)
(Note 5)
Range
Storage
−65˚C
≤T
A≤150˚C −65˚C≤TA≤150˚C
Temperature Range
Lead Temperature
260˚C
260˚C
(Soldering, 10 sec.)
ESD Tolerance
Rating to be determined
DC Electrical Characteristics (Note 7)
Symbol
Parameter
Conditions
LF442A
LF442
Units
Min
Typ
Max
Min
Typ
Max
V
OS
Input Offset Voltage
R
S = 10 kΩ,TA = 25˚C
0.5
1.0
1.0
5.0
mV
Over Temperature
7.5
mV
∆V
OS/∆T
Average TC of Input
R
S = 10 kΩ
7
10
7
µV/˚C
Offset Voltage
I
OS
Input Offset Current
V
S = ±15V
T
j = 25˚C
5
25
5
50
pA
(Notes 7, 8)
T
j = 70˚C
1.5
1.5
nA
T
j = 125˚C
10
nA
I
B
Input Bias Current
V
S = ±15V
T
j = 25˚C
10
50
10
100
pA
(Notes 7, 8)
T
j = 70˚C
3
3
nA
T
j = 125˚C
20
nA
R
IN
Input Resistance
T
j = 25˚C
10
12
10
12
Ω
A
VOL
Large Signal Voltage
V
S = ±15V, VO = ±10V,
50
200
25
200
V/mV
Gain
R
L = 10 kΩ,TA = 25˚C
Over Temperature
25
200
15
200
V/mV
V
O
Output Voltage Swing
V
S = ±15V, RL = 10 kΩ
±12
±13
±12
±13
V
V
CM
Input Common-Mode
±16
+18
±11
+14
V
Voltage Range
−17
−12
V
CMRR
Common-Mode
R
S ≤ 10 kΩ
80
100
70
95
dB
Rejection Ratio
PSRR
Supply Voltage
(Note 9)
80
100
70
90
dB
Rejection Ratio
I
S
Supply Current
300
400
400
500
µA
AC Electrical Characteristics (Note 7)
Symbol
Parameter
Conditions
LF442A
LF442
Units
Min
Typ
Max
Min
Typ
Max
Amplifier to Amplifier
T
A = 25˚C, f = 1 Hz-20 kHz
−120
−120
dB
Coupling
(Input Referred)
SR
Slew Rate
V
S = ±15V, TA = 25˚C
0.8
1
0.6
1
V/µs
GBW
Gain-Bandwidth Product
V
S = ±15V, TA = 25˚C
0.8
1
0.6
1
MHz
e
n
Equivalent Input Noise
T
A = 25˚C, RS = 100Ω,35
35
Voltage
f = 1 kHz
i
n
Equivalent Input Noise
T
A = 25˚C, f = 1 kHz
0.01
0.01
Current
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com