Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF442 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF442
Description  Dual Low Power JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF442 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LF442 Datasheet HTML 3Page - National Semiconductor (TI) LF442 Datasheet HTML 4Page - National Semiconductor (TI) LF442 Datasheet HTML 5Page - National Semiconductor (TI) LF442 Datasheet HTML 6Page - National Semiconductor (TI) LF442 Datasheet HTML 7Page - National Semiconductor (TI) LF442 Datasheet HTML 8Page - National Semiconductor (TI) LF442 Datasheet HTML 9Page - National Semiconductor (TI) LF442 Datasheet HTML 10Page - National Semiconductor (TI) LF442 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Applications
Battery Powered Strip Chart Preamplifier
DS009155-11
Runs from 9v batteries (±9V supplies)
Fully settable gain and time constant
Battery powered supply allows direct plug-in interface to strip chart recorder without common-mode problems
“No FET” Low Power V→F Converter
DS009155-12
Trim 1M pot for 1 kHz full-scale output
15 mW power drain
No integrator reset FET required
Mount D1 and D2 in close proximity
1% linearity to 1 kHz
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com