Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8088EM Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE8088EM Datasheet HTML 1Page - Infineon Technologies AG TLE8088EM Datasheet HTML 2Page - Infineon Technologies AG TLE8088EM Datasheet HTML 3Page - Infineon Technologies AG TLE8088EM Datasheet HTML 4Page - Infineon Technologies AG TLE8088EM Datasheet HTML 5Page - Infineon Technologies AG TLE8088EM Datasheet HTML 6Page - Infineon Technologies AG TLE8088EM Datasheet HTML 7Page - Infineon Technologies AG TLE8088EM Datasheet HTML 8Page - Infineon Technologies AG TLE8088EM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PG-SSOP-24
Type
Package
Marking
TLE8088EM
PG-SSOP-24
TLE8088EM
Data Sheet
3
Rev 1.0, 2012-10-01
Engine management IC for Small Engines
TLE8088EM
1Overview
Features
•
Supply 5 V (
±2%), 250mA
– Over-temperature and Over-current Protection
•
Watchdog and Reset Function
•
K-Line Transceiver
•
1 low side driver for inductive loads with maximum operation current
of 2.6A including over-temperature, over-current protection and open
load/short to GND in off diagnosis
•
1 low side driver for resistive loads with maximum operation current
of 3A including over-temperature and over-current protection
•
Small Package PG-SSOP-24 Exposed Pad
•
Temperature Range: -40°C to 150°C
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
TLE8088EM is an engine management IC based on Infineon Smart Power Technology (SPT). It is protected by
embedded protection functions and integrates a Power Supply, K-line and power stages to drive different loads in
an Engine Management System. It is designed to provide a compact and cost optimized solution for Engine
Management and Powertrain Systems. It is specially suitable for one cylinder motorcycle engine management
system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com