Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8088EM Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE8088EM Datasheet HTML 12Page - Infineon Technologies AG TLE8088EM Datasheet HTML 13Page - Infineon Technologies AG TLE8088EM Datasheet HTML 14Page - Infineon Technologies AG TLE8088EM Datasheet HTML 15Page - Infineon Technologies AG TLE8088EM Datasheet HTML 16Page - Infineon Technologies AG TLE8088EM Datasheet HTML 17Page - Infineon Technologies AG TLE8088EM Datasheet HTML 18Page - Infineon Technologies AG TLE8088EM Datasheet HTML 19Page - Infineon Technologies AG TLE8088EM Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Data Sheet
16
Rev 1.0, 2012-10-01
TLE 8088 EM
Power Drivers
6.2.15
Turn-on Time CH2
t
sON
–0.20
1
µs
V
s = 13.5V,
I
DS2 = 0.3A, resistive
load 1)
6.2.16
Turn-off Time CH1
t
sOFF
–
0.40
1.2
µs
V
s = 13.5V,
I
DS1 = 1.3A, resistive
load 1)
6.2.17
Turn-off Time CH2
t
sOFF
–0.20
1
µs
V
s = 13.5V,
I
DS2 = 0.3A, resistive
load 1)
Over Current Protection
6.2.18
Output Current Switch Off
Threshold CH1
I
DS_OC
2.6
–
5
A
6V <
V
S < 18V
6.2.19
Output Current Switch off
Threshold CH2
I
DS_OC
3.0–
6.5A
6V <
V
S < 18V
6.2.20
Off Time of CH2 in Current Switch
Off
toff
3–
8ms
–
6.2.21
Current Switch off Filter Time
CH1, CH2
t
CL_f
0.5
–
3
µs
–
Open Load Diagnosis for CH 1 in OFF state
6.2.22
Open Load Detection Threshold
Voltage for CH 1
V
DSol
2.00
2.80
3.20
V
–
6.2.23
Output pull-down Diagnosis
Current
I
Dpd
50
100
150
μA
V
DS = 13.5 V
6.2.24
Open Load Diagnosis Delay Time
t
d
100–
200µs
–
Status Signal
6.2.25
Low level output voltage
V
OUT_L
––
0.4
V
I
NRO=100μA
6.2.26
High level output voltage
V
OUT_H
V
5DD –
0.4
––
V
I
NRO=–100μA
6.2.27
Status settling time after Over
Current
t
ST,set,OC
––
20
µs
1)
6.2.28
Status Clear Time
t
ST,clear
––
20
µs
1)
Over Temperature Protection
6.2.29
Over temperature
T
OT
150
–
200
°C
1)
6.2.30
Over temperature hysteresis
T
OTH
–20
–
°C
1)
1) Not subject to production test, specified by design.
2) in OFF mode open load diagnosis pull down current active
3) Definition see Figure 8
Electrical Characteristics (cont’d)
V
S = 13.5 V, Tj = -40 °C to +150 °C: All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified).
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com