Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8088EM Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE8088EM Datasheet HTML 1Page - Infineon Technologies AG TLE8088EM Datasheet HTML 2Page - Infineon Technologies AG TLE8088EM Datasheet HTML 3Page - Infineon Technologies AG TLE8088EM Datasheet HTML 4Page - Infineon Technologies AG TLE8088EM Datasheet HTML 5Page - Infineon Technologies AG TLE8088EM Datasheet HTML 6Page - Infineon Technologies AG TLE8088EM Datasheet HTML 7Page - Infineon Technologies AG TLE8088EM Datasheet HTML 8Page - Infineon Technologies AG TLE8088EM Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Engine management IC
TLE 8088 EM
Pin Configuration
Data Sheet
5
Rev 1.0, 2012-10-01
3
Pin Configuration
3.1
Pin Assignment
Figure 2
Pin Configuration
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1
n.c.
Not connected
2
GND
Power Ground
3
KIO
K-Line bus connection
4
OUT1
Output channel 1
5
OUT2
Output channel 2
6
VS
Battery voltage: 100nF ceramic capacitor directly connected at the IC to ground
7
AGND
Analog ground: should be connected to the system logic ground
8
WDE
Watchdog enable: active high, internal pull up
9
V5DD
5V supply output: connected to external blocking capacitor.
10
n.c.
Not connected
11
n.c.
Not connected
12
n.c.
Not connected
13
n.c.
Not connected
14
n.c.
Not connected
15
n.c.
Not connected
16
NRO
Reset output: open drain, active low
17
WDI
Watchdog input: trigger input for watchdog pulses
18
ST
Status signal: output diagnostic signal
19
IN2
Control Input Channel 2: internal pull down
PG-SSOP-24.vsd
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
14
13
11
12
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
14
13
11
12
n.c.
GND
KIO
OUT1
OUT2
VS
AGND
WDE
V5DD
n.c.
n.c.
n.c.
n.c.
GND
RX
TX
IN1
IN2
ST
WDI
NRO
n.c.
n.c.
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com