Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE8088EM Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE8088EM
Description  Engine management IC for Small Engines
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8088EM Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE8088EM Datasheet HTML 11Page - Infineon Technologies AG TLE8088EM Datasheet HTML 12Page - Infineon Technologies AG TLE8088EM Datasheet HTML 13Page - Infineon Technologies AG TLE8088EM Datasheet HTML 14Page - Infineon Technologies AG TLE8088EM Datasheet HTML 15Page - Infineon Technologies AG TLE8088EM Datasheet HTML 16Page - Infineon Technologies AG TLE8088EM Datasheet HTML 17Page - Infineon Technologies AG TLE8088EM Datasheet HTML 18Page - Infineon Technologies AG TLE8088EM Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
15
Rev 1.0, 2012-10-01
TLE 8088 EM
Power Drivers
6.2
Electrical Characteristics
Electrical Characteristics
V
S = 13.5 V, Tj = -40 °C to +150 °C: All voltages with respect to ground.
Positive current flowing into pin (unless otherwise specified).
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
Output Channel Resistance
6.2.1
On State Resistance CH1
R
DSon
–
0.60
0.70
Ω
I
Dnom=1.3A; Tj =150°C
6.2.2
On State Resistance CH2
R
DSon
–
1.10
1.20
Ω
I
Dnom=0.3A; Tj=150°C
Input Characteristics
6.2.3
Parallel Input Pin Low level
IN1,IN2
V
IN,L
–
–
1.00
V
–
6.2.4
Parallel Input Pin High level
IN1,IN2
V
IN,H
2.00
–
–
V
–
6.2.5
Parallel Input Pin Hysteresis
IN1,IN2
V
IN,HYS
50
–
250
mV
1)
6.2.6
Parallel Input Pin Input Pull Down
Current IN1, IN2
I
IN_PD_H
20
50
100
µA
V
IN=5V
I
IN_PD_L
2.40
–
–
µA
V
IN=0.6V
Clamping Voltage
6.2.7
Output Clamping Voltage CH1
V
DScl
30
35
40
V
I
OUT1=0.02A
Leakage Currents
6.2.8
Output Leakage Current in Off
Mode, CH1
I
Doff
––
3µA
V
DS=13.5V; Tj=150°C
1) 2)
6.2.9
Output Leakage Current in Off
Mode, CH2
I
Doff
––
3µA
V
DS=13.5V; Tj=150°C
1)
Timing
6.2.10
Turn-on Delay Time CH1
t
dON
–0.25
1
µs
V
s = 13.5V,
I
DS1 = 1.3A, resistive
load 1) 3)
6.2.11
Turn-on Delay Time CH2
t
dON
0.15
1.2
µs
V
s = 13.5V,
I
DS2 = 0.3A, resistive
load 1)
6.2.12
Turn-off Delay Time CH1
t
dOFF
–
0.65
1.5
µs
V
s = 13,5V,
I
DS1= 1.3A, resistive
load 1)
6.2.13
Turn-off Delay Time CH2
t
dOFF
–
0.35
1.5
µs
V
s = 13.5V,
I
DS2 = 0.3A, resistive
load 1)
6.2.14
Turn-on Time CH1
t
sON
–
0.45
1.2
µs
V
s = 13.5V,
I
DS1 = 1.3A, resistive
load 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com