Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C2M32SA Datasheet(PDF) 12 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 12 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 14Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 15Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 16Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
Figure 13. Write to Precharge
Don’t Care
CLK
T0
T1
ADDRESS
T2
T3
T4
T5
COMMAND
tRP
DQM
DQ
tWR
WRITE
Precharge
NOP
NOP
Activate
NOP
BANK
COL n
BANK(S)
ROW
DIN
N
DIN
N+1
NOP
NOP
T6
T7
Note: The DQMs can remain low in this example if the length of the write burst is 1 or 2.
7
Write and AutoPrecharge command
(RAS# = "H", CAS# = "L", WE# = "L", BAs = Bank, A10 = "H", A0-A7 = Column Address)
The Write and AutoPrecharge command performs the precharge operation automatically after the
write operation. Once this command is given, any subsequent command can not occur within a time
delay of {(burst length -1) + tWR + tRP(min.)}. At full-page burst, only the write operation is performed in
this command and the auto precharge function is ignored.
Figure 14. Burst Write with Auto-Precharge (Burst Length = 2)
CLK
DQ
T0
T1
T2
T3
T4
T5
T6
DIN A0
DIN A1
T7
T8
COMMAND
Bank A
Activate
NOP
NOP
WRITE A
Auto Precharge
NOP
NOP
NOP
NOP
NOP
T9
Bank A
Activate
tDAL=tWR+tRP
tDAL
Begin AutoPrecharge
Bank can be reactivated at
completion of tDAL
8
Mode Register Set command
(RAS# = "L", CAS# = "L", WE# = "L", A0-A10 = Register Data)
The mode register stores the data for controlling the various operating modes of SDRAM. The Mode
Register Set command programs the values of CAS latency, Addressing Mode and Burst Length in the
Mode register to make SDRAM useful for a variety of different applications. The default values of the
Mode Register after power-up are undefined; therefore this command must be issued at the power-up
sequence. The state of pins A0~A10 and BA0, 1 in the same cycle is the data written to the mode
register. Two clock cycles are required to complete the write in the mode register (refer to the following
figure). The contents of the mode register can be changed using the same command and the clock
cycle requirements during operation as long as all banks are in the idle state.
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-12/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com