Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C2M32SA Datasheet(PDF) 25 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 25 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 21Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 29Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
Figure 22. Power on Sequence and Auto Refresh
Hi-Z
T0 T1 T2
Don’t Care
Inputs must be
Stable for
200µs
T3 T4 T5 T6 T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tMRD
Mode Register
Set Command
High Level
Is reguired
Minimum for 2 Refresh Cycles are required
tRP
Precharge All
Command
1st Auto Refresh(*)
Command
2nd Auto Refresh(*)
Command
Any
Command
Note(*): The Auto Refresh command can be issue before or after Mode Register Set command
CLK
CS#
CKE
RAS#
CAS#
WE#
BA0,1
A10
A0-A9
DQM
DQ
Address Key
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-25/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com