Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C2M32SA Datasheet(PDF) 26 Page - Alliance Semiconductor Corporation

Part # AS4C2M32SA
Description  64Mb SDRAM AS4C2M32SA - 86pin TSOP II PACKAGE
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C2M32SA Datasheet(HTML) 26 Page - Alliance Semiconductor Corporation

Back Button AS4C2M32SA Datasheet HTML 22Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 23Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 24Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 25Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 26Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 27Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 28Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 29Page - Alliance Semiconductor Corporation AS4C2M32SA Datasheet HTML 30Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
Figure 23. Self Refresh Entry & Exit Cycle
Don’t Care
CLK
DQ
Self Refresh
Entry
Auto Refresh
tIS
CKE
Hi-Z
Self Refresh Exit
RAS#
CAS#
BA0,1
A0-A9
WE#
*Note 1
*Note 5
tXSR
tPDE
*Note 7
DQM
Hi-Z
*Note 9
*Note 8
tIH
*Note 6
tIS
CS#
T0 T1 T2 T3 T4 T5
T7 T8 T9 T10 T11 T12 T13 T14 T15 T16 T17 T18 T19
T6
*Note 3, 4
*Note 2
Note:
To Enter SelfRefresh Mode
1. CS#, RAS# & CAS# with CKE should be low at the same clock cycle.
2. After 1 clock cycle, all the inputs including the system clock can be don't care except for CKE.
3. The device remains in SelfRefresh mode as long as CKE stays "low".
4. Once the device enters SelfRefresh mode, minimum tRAS is required before exit from SelfRefresh.
To Exit SelfRefresh Mode
5. System clock restart and be stable before returning CKE high.
6. Enable CKE and CKE should be set high for valid setup time and hold time.
7. CS# starts from high.
8. Minimum tXSR is required after CKE going high to complete SelfRefresh exit.
9. 4096 cycles of burst AutoRefresh is required before SelfRefresh entry and after SelfRefresh exit if the
system uses burst refresh.
AS4C2M32SA-6TIN
AS4C2M32SA-6TCN
AS4C2M32SA-7TCN
Confidential
-26/54-
Rev.1.0 Sep. 2015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com