Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1183 Datasheet(PDF) 34 Page - Microchip Technology

Part # EMC1183
Description  Triple Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1183 Datasheet(HTML) 34 Page - Microchip Technology

Back Button EMC1183 Datasheet HTML 30Page - Microchip Technology EMC1183 Datasheet HTML 31Page - Microchip Technology EMC1183 Datasheet HTML 32Page - Microchip Technology EMC1183 Datasheet HTML 33Page - Microchip Technology EMC1183 Datasheet HTML 34Page - Microchip Technology EMC1183 Datasheet HTML 35Page - Microchip Technology EMC1183 Datasheet HTML 36Page - Microchip Technology EMC1183 Datasheet HTML 37Page - Microchip Technology EMC1183 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Triple Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
34
SMSC EMC1183
DATASHEET
The External Diode Fault Register indicates which of the external diodes caused the FAULT bit in the
Status Register to be set. This register is cleared when it is read.
Bit 2 - E2FLT - This bit is set if the External Diode 2 channel reported a diode fault.
Bit 1 - E1FLT - This bit is set if the External Diode 1 channel reported a diode fault.
6.11
Channel Mask Register 1Fh
The Channel Mask Register controls individual channel masking. When a channel is masked, the
ALERT / THERM2 pin will not be asserted when the masked channel reads a diode fault or out of limit
error. The channel mask does not mask the THERM pin.
Bit 2 - E2MASK - Masks the ALERT pin from asserting when the External Diode 2 channel is out of
limit or reports a diode fault.
‘0’ (default) - The External Diode 2 channel will cause the ALERT / THERM2pin to be asserted if
it is out of limit or reports a diode fault.
‘1’ - The External Diode 2 channel will not cause the ALERT / THERM2 pin to be asserted if it is
out of limit or reports a diode fault.
Bit 1 - E1MASK - Masks the ALERT / THERM2 pin from asserting when the External Diode 1 channel
is out of limit or reports a diode fault.
‘0’ (default) - The External Diode 1 channel will cause the ALERT / THERM2 pin to be asserted if
it is out of limit or reports a diode fault.
‘1’ - The External Diode 1 channel will not cause the ALERT / THERM2 pin to be asserted if it is
out of limit or reports a diode fault.
Bit 0 - INTMASK - Masks the ALERT / THERM2 pin from asserting when the Internal Diode
temperature is out of limit.
‘0’ (default) - The Internal Diode channel will cause the ALERT / THERM2 pin to be asserted if it
is out of limit.
‘1’ - The Internal Diode channel will not cause the ALERT / THERM2 pin to be asserted if it is out
of limit.
6.12
Consecutive ALERT Register 22h
Table 6.12 Channel Mask Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
1Fh
R/W
Channel
Mask
-
---
-
E2
MASK
E1
MASK
INT
MASK
00h
Table 6.13 Consecutive ALERT Register
ADDR.
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
22h
R/W
Consecutive
ALERT
TIME
OUT
CTHRM[2:0]
CALRT[2:0]
-
70h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com