Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1183 Datasheet(PDF) 14 Page - Microchip Technology

Part # EMC1183
Description  Triple Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1183 Datasheet(HTML) 14 Page - Microchip Technology

Back Button EMC1183 Datasheet HTML 10Page - Microchip Technology EMC1183 Datasheet HTML 11Page - Microchip Technology EMC1183 Datasheet HTML 12Page - Microchip Technology EMC1183 Datasheet HTML 13Page - Microchip Technology EMC1183 Datasheet HTML 14Page - Microchip Technology EMC1183 Datasheet HTML 15Page - Microchip Technology EMC1183 Datasheet HTML 16Page - Microchip Technology EMC1183 Datasheet HTML 17Page - Microchip Technology EMC1183 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Triple Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
14
SMSC EMC1183
DATASHEET
4.1.3
THERM Pin Considerations
Because of the decode method used to determine the SMBus Address, it is important that the pull-up
resistance on the THERM pin be within the tolerances shown in Table 4.1. Additionally, the pull-up
resistor on the THERM pin must be connected to the same 3.3V supply that drives the VDD pin.
For 15ms after power up, the THERM pin must not be pulled low or the SMBus address will not be
decoded properly. If the system requirements do not permit these conditions, the THERM pin must be
isolated from its hard-wired OR’d bus during this time.
One method of isolating this pin is shown in Figure 4.4, "Isolating the THERM pin".
4.1.5
SMBus Data Bytes
All SMBus Data bytes are sent most significant bit first and composed of 8-bits of information.
4.1.6
SMBus ACK and NACK Bits
The SMBus client will acknowledge all data bytes that it receives. This is done by the client device
pulling the SMBus data line low after the 8th bit of each byte that is transmitted. This applies to the
Write Byte protocol.
The Host will NACK (not acknowledge) the last data byte to be received from the client by holding the
SMBus data line high after the 8th data bit has been sent.
10k
1001_100(r/w)b
15k
1101_100(r/w)b
22k
0011_100(r/w)b
33k
0111_100(r/w)b
Figure 4.4 Isolating the THERM pin
Table 4.1 SMBus Address Decode (continued)
PULL UP RESISTOR ON
THERM PIN (±5%)
SMBUS ADDRESS
EMC1183
10
9
8
7
SMDATA
SMCLK
1
2
3
4
ALERT / THERM2
VDD
DP1
DN1
THERM / ADDR
GND
+3.3V
Shared Therm
22K
4.7K – 33k
+2.5 - 5V
5
6
DP2 / DN3
DN2 / DP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com