Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1183 Datasheet(PDF) 12 Page - Microchip Technology

Part # EMC1183
Description  Triple Channel 1째C Temperature Sensor with Beta
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1183 Datasheet(HTML) 12 Page - Microchip Technology

Back Button EMC1183 Datasheet HTML 8Page - Microchip Technology EMC1183 Datasheet HTML 9Page - Microchip Technology EMC1183 Datasheet HTML 10Page - Microchip Technology EMC1183 Datasheet HTML 11Page - Microchip Technology EMC1183 Datasheet HTML 12Page - Microchip Technology EMC1183 Datasheet HTML 13Page - Microchip Technology EMC1183 Datasheet HTML 14Page - Microchip Technology EMC1183 Datasheet HTML 15Page - Microchip Technology EMC1183 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Triple Channel 1°C Temperature Sensor with Beta Compensation and 1.8V SMBus Communications
Datasheet
Revision 1.0 (07-11-13)
12
SMSC EMC1183
DATASHEET
3.3
SMBus Electrical Characteristics
Table 3.3 SMBus Electrical Specifications
VDD = 3.0 to 3.6V, TA = -40°C to 125°C, all typical values are at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
SMBus Interface
Input High Voltage
VIH
1.4
VDD
V
5V Tolerant. Voltage threshold
based on 1.8V operation
Input Low Voltage
VIL
-0.3
0.8
V
5V Tolerant. Voltage threshold
based on 1.8V operation
Leakage Current
ILEAK
±5
µA
Powered or unpowered
TA < 85°C
Hysteresis
50
mV
Input Capacitance
CIN
5pF
Output Low Sink Current
IOL
8.2
15
mA
SMDATA = 0.4V
SMBus Timing
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Bus Free Time Stop to
Start
tBUF
1.3
µs
Hold Time: Start
tHD:STA
0.6
µs
Setup Time: Start
tSU:STA
0.6
µs
Setup Time: Stop
tSU:STO
0.6
µs
Data Hold Time
tHD:DAT
0
µs
When transmitting to the master
Data Hold Time
tHD:DAT
0.3
µs
When receiving from the master
Data Setup Time
tSU:DAT
100
ns
Clock Low Period
tLOW
1.3
µs
Clock High Period
tHIGH
0.6
µs
Clock/Data Fall time
tFALL
300
ns
Min = 20+0.1CLOAD ns
Clock/Data Rise time
tRISE
300
ns
Min = 20+0.1CLOAD ns
Capacitive Load
CLOAD
400
pF
per bus line
Timeout
tTIMEOUT
25
35
ms
Disabled by default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com