Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6200 Datasheet(PDF) 17 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 17 Page - ams AG

Back Button AS6200 Datasheet HTML 13Page - ams AG AS6200 Datasheet HTML 14Page - ams AG AS6200 Datasheet HTML 15Page - ams AG AS6200 Datasheet HTML 16Page - ams AG AS6200 Datasheet HTML 17Page - ams AG AS6200 Datasheet HTML 18Page - ams AG AS6200 Datasheet HTML 19Page - ams AG AS6200 Datasheet HTML 20Page - ams AG AS6200 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
ams Datasheet
Page 17
[v1-01] 2016-Jun-17
Document Feedback
AS6200 − Detailed Descriptions
The binary values can be calculated according to the following
formulas:
Positive values: |Value| / LSB
Negative values: Complement( |Value| / LSB ) + 1
Example 75°C:
75ºC / 0.0625ºC = 1200 = Binary 0100 1011 0000 = Hex 4B0
Example -40°C:
|-40ºC| / 0.0625ºC + 1 = 640 + 1 = Binary 0010 1000 0000 + 1 =
1101 0111 1111 + 1 = 1101 1000 0000 = Hex D80
Figure 26:
Temperature Conversion Examples
Temperature (°C)
Digital Output (Binary)
Digital Output (Hex)
100.0
0110 0100 0000
640
75.0
0100 1011 0000
4B0
50.0
0011 0010 0000
320
25.0
0001 1001 0000
190
0.125
0000 0000 0010
002
0.0625
0000 0000 0001
001
0.0
0000 0000 0000
000
-0.0625
1111 1111 1111
FFF
-0.125
1111 1111 1110
FFE
-25.0
1110 0111 0000
E70
-40.0
1101 1000 0000
D80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com