Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS6200 Datasheet(PDF) 26 Page - ams AG

Part # AS6200
Description  The AS6200 IC is a high accuracy temperature sensor system
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS6200 Datasheet(HTML) 26 Page - ams AG

Back Button AS6200 Datasheet HTML 22Page - ams AG AS6200 Datasheet HTML 23Page - ams AG AS6200 Datasheet HTML 24Page - ams AG AS6200 Datasheet HTML 25Page - ams AG AS6200 Datasheet HTML 26Page - ams AG AS6200 Datasheet HTML 27Page - ams AG AS6200 Datasheet HTML 28Page - ams AG AS6200 Datasheet HTML 29Page - ams AG AS6200 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Page 26
ams Datasheet
Document Feedback
[v1-01] 2016-Jun-17
AS6200 − Application Information
Figure 34:
Typical Application for the AS6200 Temperature Sensor
In Figure 34 the connections of the AS6200 temperature
sensors to a microcontroller and the supply voltage are shown.
The AS6200 is connected to a microcontroller via an I²C bus
(SDA and SCL only). Additionally the Alert output can also be
used for temperature monitoring (e.g. using the interrupt
mode, refer to IM bit settings), an example is given in Figure 34
where the Alert output is connected to a microcontroller.
The I²C of the AS6200 address of the can be selected by
connecting the ADD0 pin to VDD or VSS (refer to Figure 27). This
pin must not be left unconnected.
Application Information
Micro-
controller
(Bus Master)
VDD
10nF
VDD
Address Select
Slave
Pull-up resistors
RPU
SDA
VDD
ADD0
SCL
ALERT
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com